Electronic Components Datasheet Search
  English  ▼

X  

MS1261 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1261
Description  RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1261 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1261 Datasheet HTML 1Page - Advanced Power Technology MS1261 Datasheet HTML 2Page - Advanced Power Technology MS1261 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1261
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1261 is a Class C 12.5V epitaxial silicon NPN planar
transistor designed primarily for UHF communications. This
devices utilizes a gold metallized, emitter ballasted die
geometry for superior reliability and infinite VSWR capability.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
2.5
A
PDISS
Power Dissipation
34
W
TJ
Junction Temperature
+200
º C
TSTG
Storage Temperature
-65 to +150
º C
TThermal Data
hermal Data
RTH(J-C)
Thermal Resistance Junction-case
8.75
°°C/W
•
Features
Features
• 175 MHz
• 12.5 VOLTS
• P
OUT = 15 WATTS
• Gp = 12 dB MINIMUM
• INPUT IMPEDANCE MATCHING
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
VHF MOBILE APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1261

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MS1261 NJSEMI-MS1261 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS VHP MOBILE APPLICATIONS
More results

Similar Description - MS1261

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275-01 STMICROELECTRONICS-SD1275-01 Datasheet
59Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1505 ADPOW-MS1505 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com