Electronic Components Datasheet Search
  English  ▼

X  

MS1277 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1277
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1277 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1277 Datasheet HTML 1Page - Advanced Power Technology MS1277 Datasheet HTML 2Page - Advanced Power Technology MS1277 Datasheet HTML 3Page - Advanced Power Technology MS1277 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS1277
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1277 is a gold metallized epitaxial silicon NPN planar
transistor using diffused emitter ballast resistors for high
linearity Class A operation in VHF and Band III television
transmitters and transposers.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
35
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
140
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
1.5
°°C/W
Features
Features
• 170 - 230 MHz
• 28 VOLTS
•
POUT = 14 WATTS
• G
P = 14
dB GAIN MINIMUM
• GOLD METALLIZATION
• INTERNAL INPUT MATCHING
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
TV/LINEAR APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1277

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS1270 CIT-MS1270 Datasheet
110Kb / 1P
CIT SWITCH
MS1270L2 CIT-MS1270L2 Datasheet
110Kb / 1P
CIT SWITCH
MS1270L4.4 CIT-MS1270L4.4 Datasheet
110Kb / 1P
CIT SWITCH
MS1271 CIT-MS1271 Datasheet
128Kb / 1P
CIT SWITCH
MS12711 CIT-MS12711 Datasheet
128Kb / 1P
CIT SWITCH
More results

Similar Description - MS1277

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1459 STMICROELECTRONICS-SD1459 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
09-Sep-1993
SD1476 STMICROELECTRONICS-SD1476 Datasheet
90Kb / 8P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1492 STMICROELECTRONICS-SD1492 Datasheet
97Kb / 7P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1278 ADPOW-MS1278 Datasheet
136Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1533 ADPOW-MS1533 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com