Electronic Components Datasheet Search
  English  ▼

X  

MS1409 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1409
Description  RF & MICROWAVE TRANSISTOR VHF COMMUNICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1409 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1409 Datasheet HTML 1Page - Advanced Power Technology MS1409 Datasheet HTML 2Page - Advanced Power Technology MS1409 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1409
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS1409 is a NPN silicon transistor designed for high
power gain VHF and UHF communication applications.
Gold metalization and diffused emitter ballast resistors
provide superior long term reliability.
ABSOLUTE MAXIMUM RATINGS (T
ABSOLUTE MAXIMUM RATINGS (T
ABSOLUTE MAXIMUM RATINGS (T
ABSOLUTE MAXIMUM RATINGS (TCASE
CASE
CASE
CASE
= 25
= 25
= 25
= 25°°°°C)
C)
C)
C)
Symbol
Parameter
Value
Unit
VCBO
Collector-base Voltage
65
V
VCEO
Collector-emitter Voltage
40
V
VEBO
Emitter-base Voltage
4.0
V
PDISS
Total Power Dissipation
7.0
W
IC
Collector Peak Current
1.0
A
TJ
Junction Temperature
200
ºC
TSTG
Storage Temperature
-65 to 200
ºC
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-CASE)
Thermal Resistance Junction-case
25
°°°°C/W
1. Emitter
2. Base
3. Collector
TO-39
Features
Features
Features
Features
175 MHz
28 VOLTS
POUT = 2.5 W
GP = 10 dB MINIMUM
COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTOR
VHF COMMUNICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1409

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS14004-1 ITT-MS14004-1 Datasheet
517Kb / 41P
CONNECTORS, ELECTRIC, RECTANGULAR, NONENVIRONMENTAL, MINIATURE, POLARIZED SHELL, RACK AND PANEL, GENERAL SPECIFCATION FOR
logo
Microsemi Corporation
MS1401 MICROSEMI-MS1401 Datasheet
51Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1401 ADPOW-MS1401 Datasheet
91Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF PORTABLE/MOBILE APPLICATIONS
logo
Microsemi Corporation
MS1402 MICROSEMI-MS1402 Datasheet
61Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1402 ADPOW-MS1402 Datasheet
90Kb / 3P
RF AND MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
More results

Similar Description - MS1409

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
AM81720-012 STMICROELECTRONICS-AM81720-012 Datasheet
85Kb / 4P
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
logo
Microsemi Corporation
SD1127 MICROSEMI-SD1127 Datasheet
105Kb / 3P
RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
logo
Advanced Power Technolo...
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com