Electronic Components Datasheet Search
  English  ▼

X  

MS1502 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1502
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1502 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1502 Datasheet HTML 1Page - Advanced Power Technology MS1502 Datasheet HTML 2Page - Advanced Power Technology MS1502 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1502
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 1mA
IE = 0mA
45
---
---
V
BVCEO
IE = 20mA
IB=0mA
24
---
---
V
BVEBO
IE= 0.25mA
IC = 0mA
3.5
---
---
V
ICBO
VCB= 28 V
IE = 0mA
------
---
0.45
mA
hFE
VCE = 5 V
IC = 100mA
15
---
120
---
DDYNAMIC
YNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 860 MHz
PIN = 56mW
VCE = 20V
0.5
---
---
W
GP
f = 860 MHz
PIN = 56mW
VCE = 20V
9.5
---
---
dB
IMD3
PSYNC = 0.5 W
VCE = 20V
IC = 220 mA
---
---
-58
dBc
COB
f = 1 MHz
VCB = 28V
---
---
5
pf
Conditions:
VCE = 20V
IC = 220 mA
Conditions :
f1=860MHz(-8dBc), f2=863.5MHz(-16dBc), f3=864.5MHz(-7dBc)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com