Electronic Components Datasheet Search
  English  ▼

X  

MS1512 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1512
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1512 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1512 Datasheet HTML 1Page - Advanced Power Technology MS1512 Datasheet HTML 2Page - Advanced Power Technology MS1512 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MS1512
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
STATIC
STATIC
Value
Symbol
Min.
Typ.
Unit
BVCBO
IC
IE
45
---
V
BVC
I = 40mA
RBE
50
---
V
CEO
C = 40 mA
B =0 mA
24
---
V
EBO
E = .5 mA
C = 0 mA
3.5
---
V
CBO
CB = 28 V
I = 0 mA
---
0.45
h
V
= 5 V
I = 200 mA
---
120
-
DYNAMIC
Symbol
Test Conditions
Typ.
Max.
P
f = 860 MHz
PIN
CE = 20V
1.0
---
W
P
P
= 100mW
VCE
10
---
dB
IMD3
PSYNC
CE = 20V
C = 440 mA
---
-
dBc
COB
f = 1 MHz
VCB
---
---
pf
Conditions:
VCE
C = 440 mA
Conditions:
f1
-8dBc), f =863.5MHz(-
3=864.5MHz( 7dBc)
IMPEDANCE DATA
FRE
Z (
Ω)
CL(
Ω)
Ω)
470 MHz
2.0 - j 1.5
23 - j 35
650 MHz
1.9 - j 0.5
15 - j 27
860 MHz
1.8 + j 0.8
8.0 - j 15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com