Electronic Components Datasheet Search
  English  ▼

X  

MS1527 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1527
Description  RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1527 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1527 Datasheet HTML 1Page - Advanced Power Technology MS1527 Datasheet HTML 2Page - Advanced Power Technology MS1527 Datasheet HTML 3Page - Advanced Power Technology MS1527 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS1527
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1527 is a gold metallized epitaxial silicon NPN planar
transistor using diffused emitter ballast resistors for superior
ruggedness.
The MS1527 can withstand 20:1 VSWR under rated operating
conditions and is internally input matched to optimize power
gain and efficiency over the band.
ABSOLUTE MAXIMUM
ABSOLUTE MAXIMUM RATINGS
RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
3.0
A
PDISS
Power Dissipation
70
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
2.5
°°C/W
Features
Features
• 400 MHz
• 28 VOLTS
• P
OUT = 25 WATTS
• G
P = 9 dB GAIN MINIMUM
• EMITTER BALLASTED
• METAL/CERAMIC PACKAGE
• INTERNAL INPUT MATCHING
• REFRACTORY/GOLD METALIZATION
RF & MICROWAVE TRANSISTORS
UHF COMMUNICATIONS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1527

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MS15 PANJIT-MS15 Datasheet
109Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS15 KISEMICONDUCTOR-MS15 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Laird Tech Smart Techno...
MS15 LSTD-MS15 Datasheet
541Kb / 2P
Environmentally friendly
logo
List of Unclassifed Man...
MS150 ETC2-MS150 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS150 CADDOCK-MS150 Datasheet
400Kb / 2P
Type MS Power Film Resistors
More results

Similar Description - MS1527

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1517-025 STMICROELECTRONICS-AM1517-025 Datasheet
84Kb / 8P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
May-2000
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
AM81720-012 STMICROELECTRONICS-AM81720-012 Datasheet
85Kb / 4P
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS1511 ADPOW-MS1511 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com