Electronic Components Datasheet Search
  English  ▼

X  

MS1536 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1536
Description  RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1536 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1536 Datasheet HTML 1Page - Advanced Power Technology MS1536 Datasheet HTML 2Page - Advanced Power Technology MS1536 Datasheet HTML 3Page - Advanced Power Technology MS1536 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS1536
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
F
DESCRIPTION:
DESCRIPTION:
The MS1536 is a 28V Class C epitaxial silicon NPN planar
transistor designed primarily for UHF communications.
This device utilizes diffused emitter resistors to achieve
10:1 VSWR capability under specified operating conditions.
Internal input matching provides optimum power gain and
efficiency over the 225 – 400 MHz band.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
55
V
VCES
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
10
A
PDISS
Power Dissipation
175
W
TSTG
Storage Temperature
-65 to +150
°°C
TJ
Junction Temperature
+200
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
1.0
°°C/W
Features
Features
• 900 MHz
• 24 VOLTS
• P
OUT
= 60 WATTS
• G
P = 7.0 dB MINIMUM
• INPUT AND OUTPUT MATCHED
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
800 / 900 MHz APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1536

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS1530004 AMETHERM-MS1530004 Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1530004 AMETHERM-MS1530004 Datasheet
29Kb / 2P
Erin Landis
MS1530004-A AMETHERM-MS1530004-A Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1530004-B AMETHERM-MS1530004-B Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1530004 AMETHERM-MS1530004_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS1536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Mar-1993
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
SD1680 STMICROELECTRONICS-SD1680 Datasheet
98Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
SD1420-01 ADPOW-SD1420-01 Datasheet
77Kb / 3P
RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com