Electronic Components Datasheet Search
  English  ▼

X  

MS1581 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1581
Description  RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1581 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1581 Datasheet HTML 1Page - Advanced Power Technology MS1581 Datasheet HTML 2Page - Advanced Power Technology MS1581 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1581
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1581 is a silicon NPN bipolar transistor specifically
designed for high linearity UHF TV driver applications.
Gold metallization and emitter ballasting assure high
reliability under Class A linear operation.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
45
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
4
V
PDISS
Power Dissipation
31.8
W
IC
Device Current
1.6
A
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
5.5
°°C/W
Features
Features
• 860 MHz
• 25 VOLTS
• P
OUT = 4.0 WATTS
• G
P = 7.0 dB MINIMUM
• GOLD METALLIZATION
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
UHF TV/LINEAR APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1581

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results

Similar Description - MS1581

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1437 STMICROELECTRONICS-SD1437 Datasheet
34Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1439 STMICROELECTRONICS-SD1439 Datasheet
33Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
13-Jun-1995
SD1448 STMICROELECTRONICS-SD1448 Datasheet
71Kb / 6P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
SD4010 STMICROELECTRONICS-SD4010 Datasheet
70Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV LINEAR APPLICATIONS
Nov-1992
SD4011 STMICROELECTRONICS-SD4011 Datasheet
52Kb / 5P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1512 ADPOW-MS1512 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com