Electronic Components Datasheet Search
  English  ▼

X  

MS1642P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1642P
Description  RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1642P Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1642P Datasheet HTML 1Page - Advanced Power Technology MS1642P Datasheet HTML 2Page - Advanced Power Technology MS1642P Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS1642P
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1642 is a gold metallized silicon NPN transistor
designed for general purpose amplifier applications in
the VHF and UHF frequency bands. Diffused emitter
ballast resistors and computer controlled wirebonding
techniques ensure maximum device reliability and
consistency.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
27
W
IC(max)
Device Current*
1.5
A
TSTG
Storage Temperature
-65 to +150
º C
VCBO
Collector – Base Voltage
60
V
VCEO
Collector - Emitter Voltage
33
V
VEBO
Emitter - Base Voltage
4.0
V
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
6.4
°°C/W
**Applies only to rated RF amplifier operation
Features
• 400 MHz
• GOLD METALLIZATION
• P
OUT = 10 W MINIMUM
• G
P = 12 dB MINIMUM
• INFINITE VSWR CAPABILITY
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
VHF, UHF GENERAL PURPOSE
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1642P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
More results

Similar Description - MS1642P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1463 STMICROELECTRONICS-SD1463 Datasheet
36Kb / 3P
RF & MICROWAVE TRANSISTORS VHF/UHF APPLICATIONS
23-Aug-1996
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Microsemi Corporation
2N3375 MICROSEMI-2N3375 Datasheet
609Kb / 5P
RF & MICROWAVE TRANSISTORS VHF-UHF CLASS C WIDE BAND
2N4440 MICROSEMI-2N4440 Datasheet
444Kb / 4P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1127 MICROSEMI-SD1127 Datasheet
105Kb / 3P
RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
SD1462 MICROSEMI-SD1462 Datasheet
336Kb / 3P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
SD1468 MICROSEMI-SD1468 Datasheet
386Kb / 3P
RF AND MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
logo
Advanced Power Technolo...
MS1503 ADPOW-MS1503 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
New Jersey Semi-Conduct...
SD1462 NJSEMI-SD1462 Datasheet
92Kb / 2P
RF & MICROWAVE TRANSISTORS WIDEBAND VHF-UHF CLASS C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com