Electronic Components Datasheet Search
  English  ▼

X  

GSX200 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX200
Description  SM Watch Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX200 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX200 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Watch Crystal
GSX-200
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
17 Jun 1998
Option
Codes
ACTUAL SIZE
2.75
0.15
SOLDER PAD LAYOUT
4.20
1.30
1.30
1.90
1.30
1.90
43
12
TOP VIEW
0.90
2.43
5.50
2.50
(max)
3
4
12
8.00
(max)
0.50
3.80
(max)
3.40
Features
« Plastic moulded surface mount package
« Miniature size for high density applications
« Wide operating temperature range
« 6pF version for Dallas RTC
« Supplied on tape and reel
GSX-200
Product
Parameters
Product name + option codes (if any)
eg:
GSX-200
GSX-200 ±10ppm
GSX-200/D ±20ppm 6pF
Option code X (eg GSX-200/X) denotes a custom specification.
Standard.
Optional - Please specify required code(s) when ordering
Scale 2:1
Ordering Information
Specifications
Frequency:
32.768kHz
Calibration tolerance:
±20ppm
±5 ~ ±100ppm
specify
Temperature stability:
-50ppm (-10 to +60°C)
-130ppm (-30 to +80°C)
Operating temperature range:
-40 to +85°C
Storage temperature range:
-55 to +125°C
Turnover temperature (T0):
+25°C ±5°C
Frequency / temp coefficient:
-0.038ppm/°C2 typ
Circuit condition:
12.5pF
6pF
D
Static capacitance (C0): 1.35pF typ
Motional capacitance (C1):
3.0fF typ
Equivalent series resistance (max):
50k
Ageing:
±3ppm max first year
Drive level:
1.0µW typ
Shock resistance:
±5ppm
Soldering conditions:
240°C, 10sec max
Available on T&R - 3k pcs per reel.
Refer to our website for T&R and soldering details.
Also available at frequencies from 30.0 ~ 100kHz


Similar Part No. - GSX200

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
More results

Similar Description - GSX200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS1V-TK ETC1-MS1V-TK Datasheet
55Kb / 1P
SM Watch Crystal
logo
Golledge Electronics Lt...
MS1V GOLLEDGE-MS1V Datasheet
56Kb / 1P
SM Watch crystal
GSX-218 GOLLEDGE-GSX-218 Datasheet
51Kb / 1P
SM Watch Crystal
MS1V GOLLEDGE-MS1V_06 Datasheet
60Kb / 1P
SM Watch Crystal
MS2V GOLLEDGE-MS2V_07 Datasheet
59Kb / 1P
SM Watch Crystal
CC4V GOLLEDGE-CC4V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CC5V GOLLEDGE-CC5V_16 Datasheet
125Kb / 1P
SM Watch Crystal
CM7V GOLLEDGE-CM7V Datasheet
120Kb / 1P
SM Watch Crystal
CM7V04 GOLLEDGE-CM7V04 Datasheet
120Kb / 1P
SM Watch Crystal
CM9V GOLLEDGE-CM9V Datasheet
122Kb / 1P
SM Watch Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com