Electronic Components Datasheet Search
  English  ▼

X  

MS2231 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2231
Description  RF AND MICROWAVE TRANSISTORS L-BAND APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2231 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2231 Datasheet HTML 1Page - Advanced Power Technology MS2231 Datasheet HTML 2Page - Advanced Power Technology MS2231 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS2231
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
The MS2231 is a high-power Class C transistor specifically designed
for L-Band Radar pulsed driver applications.
This device is capable of operation over a wide range of pulse widths,
duty cycles, and termperatures and is capable of withstanding 3:1
output WSWR at rated RF conditions. Low RF thermal resistance and
computerized automatic wire bonding techniques ensure high
reliability and product consistency.
The MS2231 is supplied in the grounded IMPAC
™ hermetic
metal/ceramic package with internal input/output matching structures.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(TC
≤≤ 100°°C)
270
W
IC
Device Current*
13.5
A
VCC
Collector-Supply Voltage*
32
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°°C
TSTG
Storage Temperature
– 65 to + 200
°°C
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance*
0.55
°°C/W
*Applies only to rated RF amplifier operation
Features
Features
• REFRACTORY/GOLD METALLIZATION
• EMITTER SITE BALLASTED
• LOW THERMAL RESISTANCE
• INPUT / OUTPUT MATCHING
• METAL/CERAMIC HERMETIC PACKAGE
• P
OUT = 100 W MIN.
• G
P = 6.0 dB GAIN
RF AND MICROWAVE TRANSISTORS
L-BAND APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS223 ETC2-MS223 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS223 CADDOCK-MS223 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
AMETHERM Circuit Protec...
MS2230004 AMETHERM-MS2230004 Datasheet
29Kb / 1P
Circuit Protection Thermistors
MS2230004-A AMETHERM-MS2230004-A Datasheet
29Kb / 1P
Circuit Protection Thermistors
MS2230004-B AMETHERM-MS2230004-B Datasheet
29Kb / 1P
Circuit Protection Thermistors
More results

Similar Description - MS2231

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1011-070 STMICROELECTRONICS-AM1011-070 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
Sep-1992
AM1011-075 STMICROELECTRONICS-AM1011-075 Datasheet
64Kb / 4P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1011-400 STMICROELECTRONICS-AM1011-400 Datasheet
92Kb / 6P
L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-100 STMICROELECTRONICS-AM1214-100 Datasheet
35Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM1214-300 STMICROELECTRONICS-AM1214-300 Datasheet
92Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM1214-325 STMICROELECTRONICS-AM1214-325 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80814-025 STMICROELECTRONICS-AM80814-025 Datasheet
56Kb / 3P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-015 STMICROELECTRONICS-AM81214-015 Datasheet
64Kb / 4P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-030 STMICROELECTRONICS-AM81214-030 Datasheet
94Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM81214-060 STMICROELECTRONICS-AM81214-060 Datasheet
95Kb / 6P
L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com