Electronic Components Datasheet Search
  English  ▼

X  

TL22 Datasheet(PDF) 1 Page - 3M Electronics

Part # TL22
Description  Scotch-WeldTM Threadlocker Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TL22 Datasheet(HTML) 1 Page - 3M Electronics

  TL22 Datasheet HTML 1Page - 3M Electronics TL22 Datasheet HTML 2Page - 3M Electronics TL22 Datasheet HTML 3Page - 3M Electronics TL22 Datasheet HTML 4Page - 3M Electronics TL22 Datasheet HTML 5Page - 3M Electronics TL22 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Scotch-WeldTM
Threadlocker Anaerobic Adhesives
TL22 • TL42 • TL43 • TL62 • TL70 • TL71 • TL72 • TL77 • TL90
Technical Data
November 2016
Product
Description
3MTM Scotch-WeldTM Threadlocker Anaerobic Adhesives are one-component
anaerobic adhesives that cure and seal threaded assemblies that meet a wide range
of applications to prevent vibration loosening and/or leakage. All products provide
excellent vibration, corrosion, and shock resistance. Engineered to provide
different strengths, temperatures, nut/bolt sizes, and other requirements, some
threadlockers allow removal and meet various selections depending on the specific
application.
Specific
Features
 3MTM Scotch-WeldTM Threadlocker TL22 is removable with hand tools. It is a
low strength (low torque removal) threadlocker for small diameter, fine
threaded screws, set screws, nuts, bolts and hex and slot driven components
such as keyed fasteners.
 3MTM Scotch-WeldTM Threadlocker TL42 is a general purpose. Removable
with hand tools, medium strength threadlocker ideal for machine tool access
bolts, and hydraulic system bolts. It can also be used on gear box / driveshaft
bolts, bearing cover cap screws, countersunk screws, and conveyor roller bolts.
 3MTM Scotch-WeldTM Threadlocker TL43 is a general purpose, removable
with hand tools, medium strength threadlocker for most medium and coarse-
threaded screws, nuts and bolts. It is oil tolerant to help secure as-received
parts and its thixotropic property prevents run-off, dripping, or migration of
the adhesive product when applied on parts.
 3MTM Scotch-WeldTM Threadlocker TL62 is a medium to high strength
threadlocker that is especially developed to secure assemblies with high
strength retention. It allows disassembly with heat and will perform on lightly
oily parts with only approximately 10% strength reduction
 3MTM Scotch-WeldTM Threadlocker TL70 is a high strength threadlocker
that locks all metal fasteners and thus prevent vibration loosening and leakage
through the applications where maximum strength is needed. TL70 prevents
corrosion of assembled parts.
 3MTM Scotch-WeldTM Threadlocker TL71 is a general purpose permanent
high strength threadlocker that locks bolts and studs up to 1” in diameter as it
seals against leakage and corrosion. Temperature resistance intermittently up
to 400oF.
 3MTM Scotch-WeldTM Threadlocker TL72 is a permanent high strength
threadlocker to locks bolts and studs up to 1” in diameter. It can be used for
high temperature threadlocking (intermittently up to 400oF) and its thixotropic
nature prevents dripping or migration of the liquid adhesive after assembly.


Similar Part No. - TL22

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL22 3M-TL22 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
logo
List of Unclassifed Man...
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
E-SWITCH
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
TL2201EEYB.09BLK E-SWITCH-TL2201EEYB.09BLK Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
More results

Similar Description - TL22

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL62-50 3M-TL62-50 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
February, 2016
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
Mar-2015
RT09 3M-RT09 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
GM18 3M-GM18 Datasheet
325Kb / 5P
Scotch-WeldTM Gasket Maker Anaerobic Adhesives
Nov-2016
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
3535 3M-3535 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
Jan-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com