Electronic Components Datasheet Search
  English  ▼

X  

SPDL Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # SPDL
Description  Ultra Compact SMD Common Mode Chokes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPDL Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button SPDL Datasheet HTML 5Page - Bel Fuse Inc. SPDL Datasheet HTML 6Page - Bel Fuse Inc. SPDL Datasheet HTML 7Page - Bel Fuse Inc. SPDL Datasheet HTML 8Page - Bel Fuse Inc. SPDL Datasheet HTML 9Page - Bel Fuse Inc. SPDL Datasheet HTML 10Page - Bel Fuse Inc. SPDL Datasheet HTML 11Page - Bel Fuse Inc. SPDL Datasheet HTML 12Page - Bel Fuse Inc. SPDL Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2022 Signal Transformer
Specifications subject to change without notice
SPDL Series II Aug-17-2022
SPDL Series II Datasheet
RoHS
Compliant
SPDL151306-1200-2P-T
• Test equipment
Z: measured on Agilent 4991A RF Impedance or equivalent
DCR: measured on Chroma 16502 micro micro-OHM meter or equivalent
Rated current: measured on Agilent 4284A LCR meter with 42841A Current Source or equivalent
• Notice
There could be measurement deviations with different instruments due to different test principles / internal resistance.
Open and Short compensation is performed before testing
RECOMMENDED REFLOW SOLDERING CONDITIONS (SMT-TYP)
0
60
120
180
240
300
T (S)
50
100
150
200
300
T (°C)
170±10°C, 60~120s
40
250+0/-5°C Peak
230°C
250
ADD:
The recommended reflow conditions as above graph, is set according to our soldering equipment, due to various
manufactures may have different reflow soldering equipment, products, process conditions, set methods, and so on.
When setting the reflow conditions, please adjust and confirm according to users’ environment/equipment.
Notice:
a) Solder reflow temperature: +250°C
°C Max. for 10 seconds max.
b) To solder inductors by soldering iron is not recommended.
c) Please contact us for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com