Electronic Components Datasheet Search
  English  ▼

X  

SDCIT2 Datasheet(PDF) 1 Page - Kingston Technology Far East Co. Ltd

Part # SDCIT2
Description  INDUSTRIAL microSD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

SDCIT2 Datasheet(HTML) 1 Page - Kingston Technology Far East Co. Ltd

  SDCIT2 Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd SDCIT2 Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Superior endurance and reliability
across industrial applications
Kingston’s Industrial microSD card is designed and tested to withstand the
most demanding environmental factors. With an operating temperature of
-40°C to 85°C, it can operate normally even in extreme desert heat to below
freezing conditions. The card utilizes industry-leading pSLC mode to provide
top transfer speeds up to 100MB/s1. It is rated up to 1920 TBW2 with 30K P/E
cycles and a built-in feature set specific to endurance, performance, and
industrial needs. Kingston’s Industrial microSD ships with a UHS-I SD adapter
and is available in capacities from 8GB-64GB3.
more >>
› Durable in
Extreme Temperatures
› High Endurance
› UHS-I Speed Class U3,
V30, A1
› Industrial Grade
Built-In Features
INDUSTRIAL microSD
kingston.com/flash


Similar Part No. - SDCIT2

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
SDCIT/16GB KINGSTON-SDCIT/16GB Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
SDCIT/16GBSP KINGSTON-SDCIT/16GBSP Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
SDCIT/32GB KINGSTON-SDCIT/32GB Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
SDCIT/32GBSP KINGSTON-SDCIT/32GBSP Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
SDCIT/8GB KINGSTON-SDCIT/8GB Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
More results

Similar Description - SDCIT2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
microSD Card Adapter (microSD-to-miniSD)
logo
List of Unclassifed Man...
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
ATP Industrial Grade microSD/microSDHC Card Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
ATP Industrial Grade microSD Card Specification
logo
Panasonic Semiconductor
RP-SMKC PANASONIC-RP-SMKC Datasheet
156Kb / 2P
microSD Memory Card, Industrial MLC Model
RP-SMSCXXDA1 PANASONIC-RP-SMSCXXDA1 Datasheet
311Kb / 2P
microSD/SDHC Memory Card, Industrial SLC Model
logo
Apacer Technology Inc.
MICROSD APACER-MICROSD Datasheet
894Kb / 3P
Apacer industrial-grade MicroSD memory card
MICROSD-H1-M APACER-MICROSD-H1-M Datasheet
904Kb / 3P
Apacer Industrial microSD H1-M series
logo
Greenliant systems
GLS93SPXXXG3 GREENLIANT-GLS93SPXXXG3 Datasheet
135Kb / 8P
Industrial Temp SD / microSD ArmourDrive PX Series
GLS93SPXXXG1 GREENLIANT-GLS93SPXXXG1 Datasheet
135Kb / 8P
Industrial Temp SD / microSD ArmourDrive EX Series
logo
Kingston Technology Far...
FCR-MLG4 KINGSTON-FCR-MLG4 Datasheet
273Kb / 2P
Industrial Temperature microSD UHS-I
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com