Electronic Components Datasheet Search
  English  ▼

X  

72093 Datasheet(PDF) 1 Page - Littelfuse

Part # 72093
Description  UNIVERSAL ROTARY SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

72093 Datasheet(HTML) 1 Page - Littelfuse

  72093 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2019 Littelfuse Commercial Vehicle Products
Rev: 061219
littelfuse.com
Product Datasheet
UNIVERSAL ROTARY SWITCHES
Dimensions in mm
Features and Benefits
• Control various circuit combinations through discrete
output positions
Specifications Overview
Mounting:
Hex Nut through 1/2 (12.7mm)
20 Panel Hole
Housing:
Plated Steel
Voltage Rating:
25A @ 12V DC
50A @ 12V DC
Ingress Protections:
O-Ring in Shaft
See below for applicable part numbers
Applications
• Construction Equipment
• Agricultural Equipment
• Material Handling Equipment
• Commercial Vehicles
Description
Littelfuse Rotary Switches are designed for universal
applications within harsh environments. Their mounting,
body, and actuator features are designed for ease-of-use and
extended product lifecycle.
Our Universal Rotary Switches are designed to provide circuit
control to a multitude of power and accessory applications.
Web Resources
Download 2D print and technical resources at:
littelfuse.com/UniversalRotarySwitches
Ordering Information
PART
NUMBER
DESCRIPTION
VOLTAGE
RATING
INGRESS
PROTECTION
ACTUATOR
POSITIONS
TERMINATION
72093
Five Position Universal
Rotary Switch
25A at 12V DC O-Ring in Shaft
None
(D-Shaft)
5: Off - Hazard - Hazard & Headlight -
Headlight & Work Light 1 - Headlight &
Work Light 1 & Work Light 2
5 16AWG leads
terminated in Aptiv
Connector #2977042
72077
Four Position Universal
Rotary Switch
50A at 12V DC
None
None
(D-Shaft)
4: Off - 1,6,B - 1,2,3,6,B - 2,4,5,6,B
7 Screws
72077-09
Four Position Universal
Rotary Switch
50A at 12V DC O-Ring in Shaft
Cap with Arrow
Directional Symbol
4: Off - 1,6,B - 1,2,3,6,B - 2,4,5,6,B
7 Screws
72093
72077
*  Dimensions shown for 72093, Dimensions may vary per part number


Similar Part No. - 72093

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
7209IPA HARRIS-7209IPA Datasheet
190Kb / 3P
TIMEBASE GENERATOR
More results

Similar Description - 72093

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
ROTARY SWITCHES
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
Rotary Switches
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
ROTARY SWITCHES
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
Rotary DIP Switches
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
Rotary Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com