Electronic Components Datasheet Search
  English  ▼

X  

MS3011 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS3011
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3011 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS3011 Datasheet HTML 1Page - Advanced Power Technology MS3011 Datasheet HTML 2Page - Advanced Power Technology MS3011 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MS3011
RF & MICROWAVE TRANSISTORS
GENERAL PURPOSE LINEAR APPLICATIONS
DESCRIPTION:
DESCRIPTION:
The MS3011 is a hermetically sealed NPN power transistor
featuring a unique matrix structure. This device is specifi-
cally designed for Class A linear applications to provide
high gain and high output power at the 1.0 dB compression
point.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
5.5
W
VCE
Collector-Emitter Bias Voltage
20
V
IC
Device Current
500
mA
TJ
Junction Temperature
200
º
C
TSTG
Storage Temperature
-65 to +200
º
C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
17
°°
C/W
Features
·
2.0 GHz
·
POUT = 30.0 dBm
·
GP = 7.0 dB MINIMUM
·
15:1 VSWR @ RATED CONDITIONS
·
GOLD METALIZATION
· COMMON EMITTER CONFIGURATION
12-10-2002


Similar Part No. - MS3011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS300 ETC1-MS300 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS300 BEL-MS300 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
MS300 BEL-MS300 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
logo
TDK Electronics
MS300-12 TDK-MS300-12 Datasheet
135Kb / 1P
AC-DC Power Supplies
MS300-15 TDK-MS300-15 Datasheet
135Kb / 1P
AC-DC Power Supplies
More results

Similar Description - MS3011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC80185 STMICROELECTRONICS-MSC80185 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80186 STMICROELECTRONICS-MSC80186 Datasheet
109Kb / 6P
GENERAL PURPOSE LINEAR APPLICATIONS RF & MICROWAVE TRANSISTORS
MSC80195 STMICROELECTRONICS-MSC80195 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80196 STMICROELECTRONICS-MSC80196 Datasheet
108Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC80197 STMICROELECTRONICS-MSC80197 Datasheet
123Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC82040 STMICROELECTRONICS-MSC82040 Datasheet
136Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
MSC82100 STMICROELECTRONICS-MSC82100 Datasheet
86Kb / 6P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Oct-1992
SD1855 STMICROELECTRONICS-SD1855 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
SD5000 STMICROELECTRONICS-SD5000 Datasheet
43Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MSC80064 ADPOW-MSC80064 Datasheet
147Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com