Electronic Components Datasheet Search
  English  ▼

X  

MS3302 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS3302
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS3302 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS3302 Datasheet HTML 1Page - Advanced Power Technology MS3302 Datasheet HTML 2Page - Advanced Power Technology MS3302 Datasheet HTML 3Page - Advanced Power Technology MS3302 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS3302
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS3302 is a common base silicon NPN microwave transistor
designed for general purpose applications over the 1.0 – 3.0 GHz
frequency range. The MS3302 utilizes an emitter ballasted die
geometry for maximum load VSWR capability under rated
conditions.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
17.6
W
VCC
Collector-Supply Voltage
30
V
IC
Device Current
700
mA
TJ
Junction Temperature
200
°°C
TSTG
Storage Temperature
-65 to +200
°°C
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-case
8.5
°°C/W
**Applies only to rated RF amplifier operation
Features
• 3.0 GHz
• GOLD METALIZATION
• EMITTER BALLASTED
• P
OUT = 4.5 W MINIMUM
• G
P = 4.5 dB
• ∞
∞:1 VSWR CAPABILITY @ RATED CONDITIONS
• COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
GENERAL PURPOSE AMPLIFIER APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS3302

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
MS3312PIU-6 EMP-CENTAURI-MS3312PIU-6 Datasheet
540Kb / 1P
Multiswitch 33in / 12out
logo
PANDUIT CORP.
MS3339-1-9 PANDUIT-MS3339-1-9 Datasheet
83Kb / 1P
Cable Tie Plates
MS3339-2-9 PANDUIT-MS3339-2-9 Datasheet
83Kb / 1P
Cable Tie Plates
MS3339-6-9 PANDUIT-MS3339-6-9 Datasheet
83Kb / 1P
Cable Tie Plates
MS3339-7-9 PANDUIT-MS3339-7-9 Datasheet
83Kb / 1P
Cable Tie Plates
More results

Similar Description - MS3302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81005 STMICROELECTRONICS-MSC81005 Datasheet
99Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC81118 STMICROELECTRONICS-MSC81118 Datasheet
102Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82003 STMICROELECTRONICS-MSC82003 Datasheet
92Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82010 STMICROELECTRONICS-MSC82010 Datasheet
87Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
MSC83301 STMICROELECTRONICS-MSC83301 Datasheet
96Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
02-Sep-1994
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com