Electronic Components Datasheet Search
  English  ▼

X  

AP7387Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7387Q
Description  AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7387Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7387Q Datasheet HTML 1Page - Diodes Incorporated AP7387Q Datasheet HTML 2Page - Diodes Incorporated AP7387Q Datasheet HTML 3Page - Diodes Incorporated AP7387Q Datasheet HTML 4Page - Diodes Incorporated AP7387Q Datasheet HTML 5Page - Diodes Incorporated AP7387Q Datasheet HTML 6Page - Diodes Incorporated AP7387Q Datasheet HTML 7Page - Diodes Incorporated AP7387Q Datasheet HTML 8Page - Diodes Incorporated AP7387Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7387Q
Document number: DS45169 Rev. 2 - 2
2 of 15
www.diodes.com
October 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7387Q
Typical Applications Circuit
VIN
GND
VOUT
COUT
10µF
VOUT
VIN
AP7387Q
CIN
1µF
Pin Descriptions
Pin Number
Pin Name
Function
SOT89
U-DFN2020-6 (SWP)
(Type UXC)
3
1
VIN
Input voltage
2, TAB
3, 4
GND
Ground
—
2, 5
NC
Not connected internally, recommend connection to GND to maximize PCB
copper for thermal dissipation.
1
6
VOUT
Regulated output voltage
—
EP
Exposed Pad
In PCB layout, prefer to use large copper area to cover this pad for better
thermal dissipation, then connect this area to GND or leave it open.
However, do not use it as GND electrode function alone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com