Electronic Components Datasheet Search
  English  ▼

X  

NU_SERIES Datasheet(PDF) 7 Page - DIWELL Electronics Co., Ltd.

Part # NU_SERIES
Description  1W~2W UNREGULATED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

NU_SERIES Datasheet(HTML) 7 Page - DIWELL Electronics Co., Ltd.

  NU_SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. NU_SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. NU_SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. NU_SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. NU_SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. NU_SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. NU_SERIES Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DANUBE
http://www.danube.com.tw
7
2014/04/28
NU SERIES APPLICATION NOTES:
EXTERNAL CAPACITANCE REQUIREMENTS:
Output filtering is required for operation. A minimum of 10uF is needed. Output capacitance may be
increased for additional filtering, not to exceed 220uF.
To meet the reflected ripple requirements of the converter, an input impedance of less than 0.5 ohm
from DC to 250KHz is required.
We Can Offer EMC-Filter According To EN55011/22 Class B.
Negative Outputs:
A negative output voltage may be obtained by connecting the +OUT to circuit ground and
connecting –OUT as the negative output.
FOR MORE INFORMATION CALL:
Danube Enterprise Co., Ltd.
Tel: 886-7-3755165
Fax: 886-7-3755330
E-mail: danube@ms10.hinet.net
Home Page
http://www.danube.com.tw



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com