Electronic Components Datasheet Search
  English  ▼

X  

1702 Datasheet(PDF) 2 Page - Alpha Wire

Part # 1702
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1702 Datasheet(HTML) 2 Page - Alpha Wire

  1702 Datasheet HTML 1Page - Alpha Wire 1702 Datasheet HTML 2Page - Alpha Wire 1702 Datasheet HTML 3Page - Alpha Wire 1702 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Properties
Other
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of California to
cause Cancer or Reproductive Harm, but is exempt from labeling based on
the Consent Judgement. See the Alpha Wire website for more information.
Physical & Mechanical Properties
1) Temperature Range
-20 to 60°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
4.1 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
1000 VRMS
2) Characteristic Impedance
44 Ω
3) Inductance
0.08 μH/ft, Nominal
4) Ground Capacitance
35 pF/ft @1 kHz, Nominal
5) Conductor DCR
64 Ω/1000ft @20°C, Nominal
6) OA Shield DCR
14.8 Ω/1000ft @20°C, Nominal
Packaging
Flange x Traverse x Barrel (inches)
a) 1000 FT
6.5 x 6 x 1.9 Continuous length
b) 500 FT
6.5 x 4 x 2.5 Continuous length
c) 100 FT
3.5 x 3 x 1.125 Continuous length
[Spool dimensions may vary slightly]
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com