Electronic Components Datasheet Search
  English  ▼

X  

1706 Datasheet(PDF) 1 Page - Alpha Wire

Part # 1706
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

1706 Datasheet(HTML) 1 Page - Alpha Wire

  1706 Datasheet HTML 1Page - Alpha Wire 1706 Datasheet HTML 2Page - Alpha Wire 1706 Datasheet HTML 3Page - Alpha Wire 1706 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 1706
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 COND
a) Conductor
20 (26/34) AWG Tinned Copper
0.038
b) Insulation
0.031" Wall, Nom. Polyethylene(PE)
0.100
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
WHITE
2) Shield
Tinned Copper BRAID Shield,90%
Coverage, Min.
3) Jacket
0.030" Wall, Nom.,PVC
0.182 (0.192 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 1706
RU AWM 1150 60C 300V CE ROHS
* = Factory Code
1) UL
AWM/STYLE 1150
60°C / 300 VRMS
2) CE:
EU Low Voltage Directive 2014/35/EU
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011 and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item.


Similar Part No. - 1706

ManufacturerPart #DatasheetDescription
logo
Heyco.
1706 HEYCO-1706 Datasheet
112Kb / 1P
Shorty Plugs
logo
Belden Inc.
17060 BELDEN-17060 Datasheet
471Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
PHOENIX CONTACT
1706003 PHOENIX-1706003 Datasheet
385Kb / 10P
PV-FT-CM-C-4-500-RD - Device connector front mounting
1706004 PHOENIX-1706004 Datasheet
365Kb / 10P
PV-FT-CF-C-4-500-BU - Device connector front mounting
logo
Weidmuller
1706010000 WEIDMULLER-1706010000 Datasheet
99Kb / 4P
Feed-through terminal, 2.5 mm짼, Tension clamp connection
More results

Similar Description - 1706

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com