Electronic Components Datasheet Search
  English  ▼

X  

MSC80064 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MSC80064
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC80064 Datasheet(HTML) 2 Page - Advanced Power Technology

  MSC80064 Datasheet HTML 1Page - Advanced Power Technology MSC80064 Datasheet HTML 2Page - Advanced Power Technology MSC80064 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC80064
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 1 mA
IE = 0 mA
50
---
---
V
BVEBO
IE = 1 mA
IC =0 mA
3.5
---
---
V
BVCEO
IC = 5 mA
IB = 0 mA
20
---
---
V
ICEO
VCE = 18 V
---
---
0.5
mA
HFE
VCE = 5 V
IC = 50 mA
15
---
120
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GP
f =2.0 GHz
POUT = 20.5 dBm
9.0
10.0
---
dB
∆∆G
P
f =2.0 GHz
POUT = 20.5 dBm
∆∆ P
OUT = 10 dB
---
---
1
dB
COB
f =1 MHz
VCB =28 V
---
---
2.5
pf
Conditions:
VCE = 18V
IE = 50 mA
Table 1. Common Emitter S-Parameters, @ VCE = 18 V, IC = 50 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
∠ φ
|S21|
∠ φ
∠ φ
|S12|
∠ φ
∠ φ
|S22|
∠ φ
∠ φ
1.0
0.68
168
3.8
43
0.04
45
0.03
-70
2.0
0.60
139
2.0
18
0.065
42
0.04
-100
3.0
0.40
72
1.0
-47
0.1051
18
0.60
-133



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com