Electronic Components Datasheet Search
  English  ▼

X  

128 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 128
Description  1 1/16" (27 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

128 Datasheet(HTML) 2 Page - Vishay Siliconix

  128 Datasheet HTML 1Page - Vishay Siliconix 128 Datasheet HTML 2Page - Vishay Siliconix 128 Datasheet HTML 3Page - Vishay Siliconix 128 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 128
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
2
Document Number: 57037
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing type
SERVO MOUNT
Ball bearing
BUSHING MOUNT
Sleeve bearing
Torque (maximum)
Servo, 1 section
Bushing, 1 section
Each Additional Section
STARTING
0.25 oz. - in (18.0 g - cm)
0.30 oz. - in (21.6 g - cm)
0.20 oz. - in (14.4 g - cm)
RUNNING
0.15 o.z - in (10.8 g - cm)
0.25 oz. - in (18.0 g - cm)
0.15 oz. - in (10.8 g - cm)
Mechanical runouts (maximum)
Shaft runout (TIR/in)
Pilot dia. runout (TIR/in)
Lateral runout (TIR)
Shaft end play
Shaft radial play
SERVO
0.002" (0.05 mm)
0.002" (0.05 mm)
0.002" (0.05 mm)
0.005" (0.13 mm)
0.002" (0.05 mm)
BUSHING
0.002" (0.05 mm)
0.002" (0.05 mm)
0.005" (0.13 mm)
0.005" (0.13 mm)
0.003" (0.08 mm)
Weight (maximum):
Single section
Each additional section
0.8 oz. (22.7 g)
0.4 oz. (11.3 g)
Ganging
6 sections maximum, terminal alignment, added sections, within ± 10° of section 1 terminals
Moment of inertia
0.12 g - cm2 per section maximum
0.687
(17.45)
± 0.010
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.015
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
MTG. FACE
Ø 1.062
(26.97)
± 0.015
0.062
(1.57)
0.308 MIN.
(7.82)
3/
8 32 UNEF - 2A
30°
TYP.
1
3
2
R 0.735 MAX.
(18.67)
0.500
(12.70)
± 0.031
0.062
(1.57)
0.062
(1.57)
0.062
(1.57)
Ø 0.9688
(24.61)
+ 0.0000
- 0.0005
Ø 1.062
(26.97)
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
MTG. FACE
Ø 0.968 MAX.
(24.58)
Ø 1.062
(26.97)
± 0.015
0.308 MIN.
(7.82)
BUSHING MOUNT: 128B/128-1...
SERVO MOUNT: 128S/128-2...
1
ADD 0.782 ± 0.002 (19.86) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com