Electronic Components Datasheet Search
  English  ▼

X  

138 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 138
Description  1 5/16" (33.3 mm) Industrial Single Turn, Bushing Mount, Conductive Plastic Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138 Datasheet(HTML) 2 Page - Vishay Siliconix

  138 Datasheet HTML 1Page - Vishay Siliconix 138 Datasheet HTML 2Page - Vishay Siliconix 138 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 138
www.vishay.com
Vishay Spectrol
Revision: 29-Nov-17
2
Document Number: 57033
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING CHART
PART NUMBER DESCRIPTION (for information only)
138-
2-
1-
502
xxxx
MODEL
MECHANICAL
OPTIONS
FEATURES
OHMIC VALUE
SPECIAL
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° (continuous) 340° ± 5° stops
Bearing Type
Sleeve
Torque (maximums)
STARTING
1.0 oz. - in (72 g - cm)
RUNNING
0.7 oz. - in (50.40 g - cm)
Runouts (maximums)
Shaft Runout (TIR)
0.002" (0.05 mm)
Pilot Dia. Runout (TIR)
0.003" (0.08 mm)
Lateral Runout (TIR)
0.005" (0.13 mm)
Shaft End Play
0.008" (0.20 mm)
Shaft Radial Play
0.003" (0.08 mm)
Weight
1.0 oz. maximum (28.35 g)
Stop Strength
8.0 in - lbs (9.21 kg - cm) (stops version only)
± 0.031
0.875
(22.22)
Ø 0.4062 MTG. (10.32)
+ 0.0000
- 0.0020
0.032
(0.81)
Ø 0.2497 (6.34)
0.030 MAX. (0.76)
+ 0.0000
- 0.0003
0.562 (14.27)
0.032
(0.81)
3/
8 - 32 UNEF - 2A
Ø 0.125 (3.18)
0.062 (1.57)
MTG. SURFACE
0.062
(1.57)
0.625
(15.88)
± 0.015
0.187
(4.75)
± 0.015
60°
± 0.015
Ø 0.500
(12.70)
BC
0.375
(9.52)
± 0.015
± 0.010
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
Ø 1.312
(33.32)
± 0.015
MODEL 138B/138-...
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE IN °C
6.0
5.0
4.0
3.0
2.0
1.0
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol
name, model number, resistance and
tolerance, linearity, terminal identification, and
data code Applicable test procedures:
MIL-R-39023
Example of a marking for a standard part:
138-2-0-502



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com