Electronic Components Datasheet Search
  English  ▼

X  

140 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 140
Description  1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

140 Datasheet(HTML) 2 Page - Vishay Siliconix

  140 Datasheet HTML 1Page - Vishay Siliconix 140 Datasheet HTML 2Page - Vishay Siliconix 140 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 140
www.vishay.com
Vishay Spectrol
Revision: 27-Sep-2018
2
Document Number: 57097
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER RATING CHART
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
330° ± 5°
Bearing Type
Torque (maximums)
Starting
Running
Dead Zone
SLEEVE BEARING
0.2 oz. - in (14.40 g - cm)
0.2 oz. - in (14.40 g - cm)
Not applicable
Weight
0.1 oz. maximum (2.84 g)
Stop Strength
5 in - lbs (5.76 kg - cm) static
Runouts (maximum)
Shaft (TIR)
Pilot Dia. (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.006" (0.15 cm)
0.003" (0.08 cm)
150°
60°
CENTER TAP AVAILABLE AS
SPEC STANDARD FEATURE
CENTER TAP OPTION
SHAFT LOCK OPTION
TOLERANCES: UNLESS
OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2 °
0.218
120°
TYP.
0.133 R
(3.38)
+ 0.000
- 0.003
Ø 0.250 MTG. (6.10)
1/4 - 32
UNEF - 2A
THREAD
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
Ø 0.062
(1.57)
0.031
(0.79)
0.187
(4.75)
0.031
(0.79)
± 0.010
0.305
(7.75)
0.056
(1.42)
0.152
(3.86)
MTG. FACE
Ø 0.500
(12.70)
0.500
(12.70)
0.700 (17.78)
INTEGRAL SHAFT LOCK
CW
0.312
(7.92)
± 0.015
0.062 WIDE
IMPERFECT
THR’O AREA
MODEL 140B/140-...
0.043
(1.09)
MARKING
Unit
Identification
Units shall be marked with manufacturer’s
name, model number, resistance value and
tolerance, circuit diagram, terminal
identification, linearity and data code.
Example of a marking for a standard part:
140-1-2-103
0
20
40
60
80 100 120 140
160
AMBIENT TEMPERATURE IN °C
0
1
2
RESISTANCE ELEMENT DATA
STD
RESISTANCE
VALUES
(
)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 40 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
50
0.542
0.271
200.0
10.0
20
100
0.431
0.431
141.0
14.1
20
200
0.361
0.722
100.0
20.0
20
500
0.312
1.56
63.2
31.6
20
1K
0.255
2.55
44.7
44.7
20
2K
0.197
3.94
31.6
63.2
20
5K
0.170
8.50
20.0
100.0
20
10K
0.147
14.7
14.1
141.0
20
20K
0.105
21.0
10.0
200.0
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com