Electronic Components Datasheet Search
  English  ▼

X  

162 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 162
Description  1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

162 Datasheet(HTML) 2 Page - Vishay Siliconix

  162 Datasheet HTML 1Page - Vishay Siliconix 162 Datasheet HTML 2Page - Vishay Siliconix 162 Datasheet HTML 3Page - Vishay Siliconix 162 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 162
www.vishay.com
Vishay Spectrol
Revision: 22-Nov-16
2
Document Number: 57043
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability.
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical Rotation
3600°, +15° -0°
Bearing Type:
Torque (Maximum)
STARTING
RUNNING
Sleeve
0.8 oz. - in (57.60 g - cm)
0.6 oz. - in (43.20 g - cm)
Mechanical Runouts (maximums):
Shaft (TIR)
Pilot Dia. (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
0.003" (0.08 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.010" (0.25 cm)
0.003" (0.08 cm)
Weight
0.3 oz. (8.50 g) maximum
Stop Strength
20 oz. - in (static) (1.44 kg - cm)
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
1
3
2
CW
3 TERMINALS EQUALLY
SPACED ON A 0.300 Ø (7.62)
MTG. FACE
0.125
(3.18)
± 0.015
1.000
(25.40)
± 0.015
0.687
(17.45)
± 0.031
Ø 0.0935
(2.37)
Ø 0.281
(7.14)
+ 0.000
- 0.0003
+ 0.000
- 0.001
1/
4 - 32 UNEF-2A
SCREWDRIVER SLOT
0.025 WIDE (0.64) x 0.037 DEEP (0.94)
Ø 0.500
(12.70)
± 0.015
1
2
3
SCHEMATIC
CW
0.040
(1.02)
0.281
(7.14)
± 0.015
MODEL 162B/162-1...
MATERIAL SPECIFICATIONS
Housing and Lids
Molded, glass filled, thermoset
plastic
Bushing
Brass, nickel plated
Shaft
Stainless steel, non-passivated
Terminals
Brass, plated for solderability
Bushing Mount Hardware
Lockwasher Internal Tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
MARKING
Unit
Identification
Units shall be marked with Vishay Spectrol
name and model no, resistance and resistance
tolerance, linearity, terminal identification and
date code
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
48 h
Rotational Life
500 000 shaft revolutions
Temperature Range
-55 °C to +125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com