Electronic Components Datasheet Search
  English  ▼

X  

202 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 202
Description  1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

202 Datasheet(HTML) 2 Page - Vishay Siliconix

  202 Datasheet HTML 1Page - Vishay Siliconix 202 Datasheet HTML 2Page - Vishay Siliconix 202 Datasheet HTML 3Page - Vishay Siliconix 202 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 202
www.vishay.com
Vishay Spectrol
Revision: 07-Dec-2018
2
Document Number: 57052
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION
20
2
B
25
032
03
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL REQUEST
202
B: bushing
S: servo
C: screw
1
2
3
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
xxxx
PART NUMBER DESCRIPTION (for information only)
202-
1
1
503
203
xxxx
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL
B: 1
S: 2
C: 3
SERVO MOUNT: 202S/202-2
BUSHING MOUNT: 202B/202-1
0.831
(21.11)
0.625
(15.88)
± 0.010
± 0.031
0.073 MIN.
(1.85)
0.093
(2.36)
0.062
(1.57)
Ø 1.750
(44.45)
Ø 1.5620
MTG.
(39.67)
± 0.015
+ 0.0000
- 0.0005
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
MTG. FACE
Ø 1.562
MAX.
(39.67)
Ø 1.750
(44.45)
± 0.015
0.340 MIN.
(8.64)
± 0.010
± 0.031
0.375
(9.52)
± 0.015
0.062
(1.57)
0.239 MIN.
(6.07)
MTG. FACE
3/
8 - 32 UNEF-2A
± 0.015
Ø 0.4062
MGT.
(10.32)
+ 0.0000
- 0.0010
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.705
(17.91)
0.875
(22.22)
Ø 1.750
(44.45)
1
ADD 0.500 ± 0.002 FOR EACH ADDITIONAL SECTION
(12.70)
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
SCREW MOUNT: 202C/202-3
± 0.031
0.625
(15.88)
0.800
(20.32)
Ø 0.7500 MTG.
(19.05)
+ 0.000
- 0.0005
Ø 0.2497
(6.34)
+ 0.000
- 0.0003
Ø 1.750
(44.45)
± 0.015
MTG. FACE
0.312 MIN.
(7.92)
16°, 20°
TYP.
45°
± 5°
1.075 R
(27.30)
MAX.
3
1
2
1.015
(25.75)
MAX.
6.32 UNC-2BX 187 ± 0.015 DEEP
(4.75) 2 PLACES ON 1.000 Ø B.C.
(25.40)
0.062
(1.57)
± 0.010
1
1
1
CW
SCHEMATIC
2
3
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com