Electronic Components Datasheet Search
  English  ▼

X  

208 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 208
Description  1 3/4" (44.5 mm) Single Turn Conductive Plastic Precision PotentiometerS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

208 Datasheet(HTML) 2 Page - Vishay Siliconix

  208 Datasheet HTML 1Page - Vishay Siliconix 208 Datasheet HTML 2Page - Vishay Siliconix 208 Datasheet HTML 3Page - Vishay Siliconix 208 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 208
www.vishay.com
Vishay Spectrol
Revision: 22-Nov-16
2
Document Number: 57053
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing type
SERVO MOUNT
Ball bearing
BUSHING MOUNT
Sleeve bearing
Ganging
6 sections maximum terminal alignment, added
sections within ± 10° of section 1 terminals
Torque (maximums)
Servo section 1
Bushing section 1
Each additional section
STARTING
0.7 oz. - in (50.40 g - cm)
1.0 oz. - in (72.0 g - cm)
0.4 oz. - in (28.80 g - cm)
RUNNING
0.4 oz. - in (28.80 g - cm)
0.7 oz. - in (50.40 g - cm)
0.3 oz. - in (21.60 g - cm)
Mechanical runouts (maximums):
Shaft (TIR/in)
Pilot dia. (TIR)
Lateral (TIR)
Shaft end play
Shaft radial play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Moment of inertia
1.0 g - cm2 per section maximum
Weight:
Single section
Each additional section
3.0 oz. (85.05 g)
1.0 oz. (28.35 g)
SERVO MOUNT: 208S/208-2
0.831
(21.10)
± 0.010
0.625
(15.88)
± 0.031
0.073 MIN.
(1.85)
Ø 1.5620
(39.67)
+ 0.0000
- 0.0005
Ø 1.750
(44.45)
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.062
(1.57)
MTG. FACE
Ø 1.750
(44.45)
± 0.015
Ø 1.562
MAX.
(39.67)
0.093
(2.36)
0.340 MIN.
(8.64)
45°
16° 20°
TYP.
1
2
3
1.015 R MAX.
(25.78)
BUSHING MOUNT: 208B/208-1
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.015
3/
8 - 32 UNEF - 2A
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
Ø 1.750
(44.45)
± 0.015
Ø 1.000
(25.40)
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
MTG. FACE
0.010
(0.25)
0.062
(1.57)
0.239 MIN.
(6.07)
0.705
(17.91)
± 0.010
1.075 R MAX.
(27.30)
± 5°
1
ADD 0.500 ± 0.002 (12.70) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com