Electronic Components Datasheet Search
  English  ▼

X  

25 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 25
Description  Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25 Datasheet(HTML) 1 Page - Vishay Siliconix

  25 Datasheet HTML 1Page - Vishay Siliconix 25 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 25
www.vishay.com
Vishay Spectrol
Revision: 06-Aug-12
1
Document Number: 57079
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Model 25 (PR1)
46 mm Diameter, 20 Turn Dial
FEATURES
• Large package size
• For use with precision potentiometers or other
devices, up to 20 turns
• Excellent readability
• Precision feel - no backlash
•Cast housing
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (inches)
QUICK REFERENCE DATA
Sensor type
DIALS
Market appliance
Industrial
Dimensions
46 mm diameter
RoHS
COMPLIANT
MECHANICAL SPECIFICATIONS
Accepts Shaft Diameter
6.35 mm (0.250")/6 mm/3.17 (0.125")/3 mm
Number of Turns
0 to 20
Dial Division
100 per turn
Torque with Brake Engaged
5 oz. - in (350 g - cm) min.
Markings
Black on satin chrome
Weight
75 g
Set Srew
UNC 4-40
Hex Key Size
1.27 mm (0.05")
Bushing Extension Beyond Panel
6.35 mm (0.250") max.
Shaft Extension Beyond Panel
18.1 mm (0.710") min.
22.5 mm (0.925") max.
ORDERING INFORMATION/DESCRIPTION
25
A
11
B010
e
MODEL
SHAFT DIAMETER
ACCOMMODATION AND FIXINGS
FINISH
PACKAGING
LEAD FINISH
Example: 25 - A - 11
A 1/4" dia. shaft - 1set screw
B 6 mm metric bore - 1 set screw
C 1/8" dia. shaft -1 set screw
D 3 mm metric bore - 1 set screw
11 Satin chrome, black markings (standard)
21 Black chrome, white markings
41 Satin chrome, white markings
SAP PART NUMBERING GUIDELINES
25
A
11
B10
MODEL
SHAFT DIAMETER
FINISH
PACKAGING
Using the existing Antirotation Lug
1. Drill 3.2 mm (0.125) diameter antirotation pin hole on vertical
centerline 14.3 mm (0.562) below center of potentiometer
mounting hole.
2. Mount potentiometer shaft counterclockwise to obtain minimum
resistance or voltage ratio. This is not necessarily identical with the
mechanical stop.
4. Loosen set screws in knob of dial. Set dial. Set dial to “0.0” reading.
5. While holding outer ring of dial, position unit lightly against panel.
Tighten knob set screws to potentiometer shaft.
Ø 10.36 mm
(0.41")
Ø 3.17 mm
(0.125")
Ø 14.30 mm
(0.562")
PANEL HOLE PATTERN
Using the Antirotation Device
1. Remove antirotation lug from dial by using pliers.
2. Mount potentiometer in panel with antirotation device nut
(supplied with dial) and lockwasher (supplied with potentiometer).
3. Turn potentiometer shaft counterclockwise to obtain minimum
resistance or voltage ratio. This is not necessaryly identical with
the mechanical stop.
4. Loosen screws in knob of dial. Set dial to “0.0” reading.
5. While holding outer ring of dial, position unit lightly against panel.
Tighten knob set screws to potentiometer shaft.
EASY REMOVABLE WITH PLIERS


Similar Description - 25

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18A11B10 VISHAY-18A11B10 Datasheet
158Kb / 2P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
09-Nov-06
21PA11B10 VISHAY-21PA11B10 Datasheet
229Kb / 2P
46.0 mm Diameter Eleven Turn Dial
23-Jan-07
21P VISHAY-21P Datasheet
93Kb / 2P
46.0 mm Diameter Eleven Turn Dial
10-Jul-12
11 VISHAY-11 Datasheet
82Kb / 2P
25.4 mm Diameter Eleven Turn Dial
01-Apr-2021
18 VISHAY-18 Datasheet
75Kb / 3P
Model 18 (PR2) 22.2 mm Diameter, 15 Turn Dial
01-Apr-2021
21 VISHAY-21 Datasheet
90Kb / 2P
46.02 mm Diameter 15 Turn Dial
01-Apr-2021
21P VISHAY-21P_V01 Datasheet
90Kb / 2P
46.0 mm Diameter Eleven Turn DialS
10-Jul-12
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
830 VISHAY-830_V01 Datasheet
320Kb / 4P
(46 mm) Three Turn Wirewound Potentiometer Bushing Mount
27-Mar-15
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com