Electronic Components Datasheet Search
  English  ▼

X  

26 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 26
Description  Multidial 10 Turns 30.6 mm Diameter Recessed Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

26 Datasheet(HTML) 1 Page - Vishay Siliconix

  26 Datasheet HTML 1Page - Vishay Siliconix 26 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 26
www.vishay.com
Vishay Spectrol
Revision: 07-Aug-12
1
Document Number: 57084
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multidial 10 Turns 30.6 mm Diameter
Recessed Design
FEATURES
• Black body, satin face with chrome ring
• White three digit markings on black background
• Additional graduations for fine adjustment
•Protective window
• Locking lever for fixed position
• Suitable for 6.35 mm shafts
• Supplied with locking key and mounting instructions
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in inches (millimeters)
QUICK REFERENCE DATA
Sensor type
DIALS
Market appliance
Professional
Dimensions
30.6 mm diameter
26-1-21 Recessed
L. 15 mm (from panel)
L. 31.5 mm (total)
ORDERING INFORMATION/DESCRIPTION
26
A
21
B050
e
MODEL
1/4" SHAFT
BLACK BODY
PACKAGING
LEAD FINISH
Satin face with
chrome ring
SAP PART NUMBERING GUIDELINES
26
A
21
B50
MODEL
SHAFT DIAMETER
FINISH
PACKAGING
0 2 3
1
2
3
5
4
6
19 MAX.
11 MIN.
6


Similar Description - 26

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2694 BITECH-2694 Datasheet
147Kb / 1P
Turns Counting Dial 7/8 Diameter Analog For 6 mm shaft
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
02-Jul-07
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
Turns Ratio: 10 Turns : 3 Turns
7/15/95
logo
Vishay Siliconix
533 VISHAY-533_10 Datasheet
100Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
TT Electronics.
OV4ZRGBA TTELEC-OV4ZRGBA Datasheet
216Kb / 3P
Multi-LED Recessed Die Design (RDD)
logo
Vishay Siliconix
23 VISHAY-23 Datasheet
82Kb / 2P
Multidial 10 Turns 30.6 mm Diameter Projecting Design
19-Oct-2018
533 VISHAY-533_V01 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com