Electronic Components Datasheet Search
  English  ▼

X  

308 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 308
Description  2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

308 Datasheet(HTML) 2 Page - Vishay Siliconix

  308 Datasheet HTML 1Page - Vishay Siliconix 308 Datasheet HTML 2Page - Vishay Siliconix 308 Datasheet HTML 3Page - Vishay Siliconix 308 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 308
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
2
Document Number: 57058
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° (continuous)
Bearing type
Servo mount:
Bushing mount:
Ball bearing
Sleeve bearing
Ganging
6 sections maximum. Terminal alignment, added sections, within ± 10° of section 1 terminals
Torque (maximums)
Mounting
Servo, 1 section
Bushing, 1 section
Each additional section
STARTING
1.0 oz. - in (72.00 g - cm)
1.7 oz. - in (122.40 g - cm)
0.6 oz. - in (43.20 g - cm)
RUNNING
0.5 oz. - in (36.00 g - cm)
1.0 oz. - in (72.00 g - cm)
0.4 oz. - in (28.80 g - cm)
Runouts (maximums)
Shaft (TIR/in)
Pilot dia. (TIR)
Lateral (TIR)
Shaft end Play
Shaft Radial play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Moment of inertia
2.0 g - cm2 per section maximum
Weight
Single section
Each additional section
4.0 oz. (127.57 g)
1.2 oz. (34.02 g)
0.831
(21.10)
± 0.010
0.625
(15.88)
± 0.031
0.073 MIN.
(1.85)
Ø 2.000
(50.80)
Ø 1.8750
(47.62)
+ 0.0000
- 0.0005
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
0.062
(1.57)
MTG. FACE
Ø 2.000
(50.80)
± 0.015
Ø 1.812
MAX.
(46.02)
0.093
(2.36)
0.340 MIN.
(8.64)
15° TYP.
45°
± 5°
3
1
2
1.200 R MAX.
(30.48)
1.140 R MAX.
(28.96)
SERVO MOUNT: 308S/308-2
BUSHING MOUNT: 308B/308-1
Ø 2.000
(50.80)
± 0.015
Ø 1.375
(34.92)
± 0.015
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
3/
8 - 32 UNEF - 2A
MTG. FACE
0.010
(0.25)
0.239 MIN.
(6.07)
0.705
(17.91)
± 0.015
0.875
(22.22)
± 0.031
0.375
(9.52)
± 0.010
0.062
(1.57)
Ø 0.2497
(6.34)
+ 0.0000
- 0.0003
1
ADD 0.500 ± 0.002 (12.70) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com