Electronic Components Datasheet Search
  English  ▼

X  

PCD200 Datasheet(PDF) 2 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCD200
Description  Dual-input process meters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCD200 Datasheet(HTML) 2 Page - Amphenol Wilcoxon Sensing Technologies.

  PCD200 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCD200 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies. PCD200 Datasheet HTML 3Page - Amphenol Wilcoxon Sensing Technologies. PCD200 Datasheet HTML 4Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
2
99389 Rev.A 08/20
DISPLAY FEATURES
PCD200 series
Dual-input process meters
DIMENSIONS
Easy to use, customizable displays
The dual-line display makes the PCD200 easy to set up and program, and all configuration can be done via the front panel.
PCD200 series meters have an upper and lower display, each a full 6 digits (-999999 to 999999).
The displays can be set up to read input channels (A or B), math function
channel C, toggle between A & B, B & C, A & C, A & B & C, toggle between
channels A, B, or C & units, the max/min of any of the channels (including
math channel C), set points, gross, or net & gross values of channel A or
B, or the Modbus input. This allows the meter to show the most relevant
variables for the application.
Alternation display
Certain options alternate the display information. A single display can show
input variable information as well as that channel’s unit or tag. Input and math
function channels, gross and net values, and select inputs and the math results
may also alternate on a single display.
Standard LED and SunBright LED display models
PCD200 meters feature ultra-bright LED displays. Both standard and SunBright models perform well in both indoor and
outdoor settings where visibility may be impaired by smoke, fog, dust, or distance. The UV-resistant SunBright display option
is even readable in sunlight and ideal for use in outdoor applications.
Math function & tag
Input channels A & B
Lower display alternating input channels A & B
Side view
5.05” [128.3 mm]
4.77” [121.2 mm]
1.76”
[44.5 mm]
2.45”
[62.2 mm]
0.59”
[15.0 mm]
6” [152 mm] clearance
Top view
3.61”
[91.5 mm]
4.17”
[106 mm]
4.68” [118.9 mm]
Optional
connectors
installed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com