Electronic Components Datasheet Search
  English  ▼

X  

548375 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 548375
Description  Pneumatic shock absorber
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

548375 Datasheet(HTML) 1 Page - Festo Corporation.

  548375 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic shock absorber
DYEF-M12-Y1F
Part number: 548375
Data sheet
Feature
Value
Size
M12
Stroke
4.2 mm
Cushioning
Elastic cushioning rings/pads at both ends with metallic fixed stop
Mounting position
Any
Position sensing
None
Max. impact velocity
0.8 m/s
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
0 °C ... 60 °C
Cushioning length
4.2 mm
Max. energy absorption per stroke
0.12 J
Product weight
39.6 g
Type of mounting
With lock nut
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
High-alloy steel
12/6/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 548375

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
548370 FESTO-548370 Datasheet
80Kb / 1P
Pneumatic shock absorber
12/6/22
548371 FESTO-548371 Datasheet
85Kb / 1P
Pneumatic shock absorber
12/6/22
548372 FESTO-548372 Datasheet
80Kb / 1P
Pneumatic shock absorber
12/6/22
548373 FESTO-548373 Datasheet
81Kb / 1P
Pneumatic shock absorber
12/6/22
548374 FESTO-548374 Datasheet
81Kb / 1P
Pneumatic shock absorber
12/6/22
More results

Similar Description - 548375

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DYSS-5-5-Y1F FESTO-DYSS-5-5-Y1F Datasheet
96Kb / 2P
Pneumatic shock absorber
DYSS-G8-2-4-Y1F FESTO-DYSS-G8-2-4-Y1F Datasheet
94Kb / 2P
Pneumatic shock absorber
DYSS-G8-4-4-Y1F FESTO-DYSS-G8-4-4-Y1F Datasheet
94Kb / 2P
Pneumatic shock absorber
1138648 FESTO-1138648 Datasheet
89Kb / 1P
Pneumatic shock absorber
12/4/22
191195 FESTO-191195 Datasheet
95Kb / 1P
Pneumatic shock absorber
12/4/22
191196 FESTO-191196 Datasheet
95Kb / 1P
Pneumatic shock absorber
12/4/22
191197 FESTO-191197 Datasheet
95Kb / 1P
Pneumatic shock absorber
12/4/22
34572 FESTO-34572 Datasheet
86Kb / 1P
Pneumatic shock absorber
12/4/22
540351 FESTO-540351 Datasheet
93Kb / 1P
Pneumatic shock absorber
12/4/22
548013 FESTO-548013 Datasheet
95Kb / 1P
Pneumatic shock absorber
12/4/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com