Electronic Components Datasheet Search
  English  ▼

X  

08099000 Datasheet(PDF) 1 Page - Littelfuse

Part # 08099000
Description  24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

08099000 Datasheet(HTML) 1 Page - Littelfuse

  08099000 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Littelfuse.com
© 2022 Littelfuse, Inc.
110222-A
Description
Ideal for low-amp, low-voltage applications in off-road
and construction vehicles and agricultural and marine
equipment, the LAS Series 24V Compact SPST Manual
Battery Disconnect Switch is available with M8 studs and
a 100A continuous current rating or M10 studs and a 150A
continuous current rating.
This battery disconnect switch features a compact design
with pass-through mounting for installation where space is
limited.
The removable, red handle is easy to see and helps ensure
safe operation of the compact battery switch by authorized
personnel. Select models come with a rubber cap that
provides protection when the actuator is removed.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/LAS
PART
NUMBER
DESCRIPTION
ACTUATOR
IGNITION
PROTECTION
OUTPUT
TERMINAL
NORMAL
POSTITION
08098700
24V 100A Compact SPST Manual Battery Disconnect Switch
key
-
2xM8
OFF
08098700-BP
24V 100A Compact SPST Manual Battery Disconnect Switch
key
-
2xM8
OFF
08098700-BX
24V 100A Compact SPST Manual Battery Disconnect Switch
key
-
2xM8
OFF
08098771
24V 100A Compact SPST Manual Battery Disconnect Switch - Actuator Not Included
not supplied
-
2xM8
OUT (OFF)
08098780
24V 150A Compact SPST Manual Battery Disconnect Switch
key
-
2xM10
OFF
08098780-BP
24V 150A Compact SPST Manual Battery Disconnect Switch
key
-
2xM10
OFF
08098780-BX
24V 150A Compact SPST Manual Battery Disconnect Switch
key
-
2xM10
OFF
08098781
24V 150A Compact SPST Manual Battery Disconnect Switch with Removable T-Handle
key
2xM10
OFF
08098790
24V 100A Compact SPST Manual Battery Disconnect Switch
key
-
2xM8
OFF
08098791
24V 100A Compact SPST Manual Battery Disconnect Switch with UL94 V-0 Rating
key
VO
2xM8
OFF
08099000
24V 100A Compact SPST Manual Battery Disconnect Switch with Rubber Cap
key
-
2xM8
OUT (OFF)
08099080
24V 150A Compact SPST Manual Battery Disconnect Switch with Rubber Cap
key
-
2xM10
OUT (OFF)
08099080-BP
24V 150A Compact SPST Manual Battery Disconnect Switch with Rubber Cap
key
-
2xM10
OUT (OFF)
08099080-BX
24V 150A Compact SPST Manual Battery Disconnect Switch with Rubber Cap
key
-
2xM10
OUT (OFF)
08099090
24V 100A Compact SPST Manual Battery Disconnect Switch
key
-
2xM8
OUT (OFF)
08098700
08099000
Applications
• Off-Road Vehicles
• Agricultural
• Construction
• Heavy-Duty Trucks
• Marine
Features and Benefits
• 24V low-voltage disconnect switch with single-pole, single-
throw (SPST) circuitry
• Available with 100A (M8 studs) or 150A (M10 studs)
continuous current rating to match your low-amp application
• Compact design enables pass-through installation in
equipment and vehicles with limited space
• Removable, red handle is highly visible and helps ensure
safe operation
• Rubber cap on select models protects the battery cutoff
switch when the handle is removed
• Weatherproof to IP43 standards
Specifications
Max Continuous Voltage:
24V
Max Continuous Current Rating: 
100A, 150A
Current Inrush Rating:
500A, 1000A
Operating Temp Range:
-40°C / +80°C, -40°C / +85°C
Ingress Protection:
IP43
Mounting Method:
Pass-through
Mounting Hole:
2 * Ø6.5mm + 1 * Ø24mm
Mounting Stem:
Ø22mm
Circuitry:
SPST
Ordering Information
LAS SERIES
24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH


Similar Part No. - 08099000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08099000 LITTELFUSE-08099000 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
More results

Similar Description - 08099000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
Battery Disconnect Switch
21-Jul-97
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
Battery Disconnect Switch
19-Apr-04
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
Battery Disconnect Switch
31-Aug-98
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
Battery Disconnect Switch
20-Dec-98
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
Battery Disconnect Switch
05-Apr-99
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
Battery Disconnect Switch
13-Jun-11
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
Battery Disconnect Switch
05-Apr-99
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
Battery Disconnect Switch
logo
Littelfuse
08098700 LITTELFUSE-08098700 Datasheet
405Kb / 2P
08098700 is Standard Compact Manual Battery Disconnect Switch that features a removable handle with a plastic body
logo
Vishay Siliconix
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
Battery Disconnect Switch
13-Jun-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com