Electronic Components Datasheet Search
  English  ▼

X  

DCX124EK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX124EK
Description  DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EK Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX124EK Datasheet HTML 1Page - Diodes Incorporated DCX124EK Datasheet HTML 2Page - Diodes Incorporated DCX124EK Datasheet HTML 3Page - Diodes Incorporated DCX124EK Datasheet HTML 4Page - Diodes Incorporated DCX124EK Datasheet HTML 5Page - Diodes Incorporated DCX124EK Datasheet HTML 6Page - Diodes Incorporated DCX124EK Datasheet HTML 7Page - Diodes Incorporated DCX124EK Datasheet HTML 8Page - Diodes Incorporated DCX124EK Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DCX (XXXX) K
Document number: DS30350 Rev. 7 - 2
2 of 13
www.diodes.com
September 2021
© Diodes Incorporated
DCX (XXXX) K
Maximum Ratings NPN Section @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX115EK
DCX143TK
DCX114TK
VIN
-10 to +40
-10 to +40
-6 to +40
-5 to +12
-10 to +40
-10 to +40
-5V max
-5V max
V
Output Current
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX115EK
DCX143TK
DCX114TK
IO
30
30
70
100
50
20
100
100
mA
Output Current
All
IC(MAX)
100
mA
Thermal Characteristics
NPN Section
Characteristic
Symbol
Value
Unit
Power Dissipation (Total) (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
417
°
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°
C
Maximum Ratings PNP Section @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX115EK
DCX143TK
DCX114TK
VIN
+10 to -40
+10 to -40
+6 to -40
+5 to -12
+10 to -40
+10 to -40
+5V max
+5V max
V
Output Current
DCX124EK
DCX144EK
DCX114YK
DCX123JK
DCX114EK
DCX115EK
DCX143TK
DCX114TK
IO
-30
-30
-70
-100
-50
-20
-100
-100
mA
Output Current
All
IC(MAX)
-100
mA
Thermal Characteristics
PNP Section
Characteristic
Symbol
Value
Unit
Power Dissipation (Total) (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient Air (Note 5)
RθJA
417
°
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°
C
Notes:
5. Mounted on FR-4 PC Board with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com