Electronic Components Datasheet Search
  English  ▼

X  

DDA114TH Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA114TH
Description  PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA114TH Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA114TH Datasheet HTML 1Page - Diodes Incorporated DDA114TH Datasheet HTML 2Page - Diodes Incorporated DDA114TH Datasheet HTML 3Page - Diodes Incorporated DDA114TH Datasheet HTML 4Page - Diodes Incorporated DDA114TH Datasheet HTML 5Page - Diodes Incorporated DDA114TH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DDA (xxxx) H
Document number: DS30420 Rev. 6 - 2
1 of 6
www.diodes.com
June 2016
© Diodes Incorporated
DDA (xxxx) H
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary NPN Types Available (DDC)
Built-In Biasing Resistors
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
P/N
R1 (NOM)
R2 (NOM)
DDA124EH
DDA144EH
DDA143EH
DDA114YH
DDA123JH
DDA114EH
DDA143TH
DDA114TH
DDA114TH
22k
Ω
47k
Ω
4.7k
Ω
10k
Ω
2.2k
Ω
10k
Ω
4.7k
Ω
10k
Ω
22k
Ω
47k
Ω
4.7k
Ω
47k
Ω
47k
Ω
10k
Ω
Mechanical Data
Case: SOT563
Case Material: Molded Plastic UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.005 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DDA124EH-7
AEC-Q101
P17
7
8
3,000
DDA144EH-7
AEC-Q101
P20
7
8
3,000
DDA143EH-7
AEC-Q101
P08
7
8
3,000
DDA114YH-7
AEC-Q101
P14
7
8
3,000
DDA123JH-7
AEC-Q101
P06
7
8
3,000
DDA114EH-7
AEC-Q101
P13
7
8
3,000
DDA143TH-7
AEC-Q101
P07
7
8
3,000
DDA114TH-7
AEC-Q101
P12
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
Code
C
D
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
R1, R2 Device Schematic
R1 Only Device Schematic
R
1
R
1
R
2
6
5
4
3
2
1
R
2
R
1
R
1
6
5
4
3
2
1
SCHEMATIC DIAGRAM, TOP VIEW
PXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: C = 2015
M = Month ex: 9 = September
PXXYM
SOT563


Similar Part No. - DDA114TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA114TH DIODES-DDA114TH Datasheet
83Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDA114TH DIODES-DDA114TH Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA114TH-7 DIODES-DDA114TH-7 Datasheet
83Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 1 - 2
DDA114TH-7 DIODES-DDA114TH-7 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
More results

Similar Description - DDA114TH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA113ZUA DIODES-DDTA113ZUA_2 Datasheet
141Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
DDTA113TKA DIODES-DDTA113TKA_2 Datasheet
135Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30343 Rev. 7 - 2
DDTA114GKA DIODES-DDTA114GKA_2 Datasheet
126Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30344 Rev. 8 - 2
DDA124EU DIODES-DDA124EU_2 Datasheet
219Kb / 5P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 9 - 2
DDA122LU DIODES-DDA122LU_1 Datasheet
191Kb / 3P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 7 - 2
DDA122LH DIODES-DDA122LH_1 Datasheet
169Kb / 3P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30427 Rev. 4 - 2
ADTA143XUAQ DIODES-ADTA143XUAQ Datasheet
459Kb / 7P
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
DDA114EDJ DIODES-DDA114EDJ Datasheet
189Kb / 7P
DUAL PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
March 2012 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com