Electronic Components Datasheet Search
  English  ▼

X  

DDC143TH Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDC143TH
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC143TH Datasheet(HTML) 4 Page - Diodes Incorporated

  DDC143TH Datasheet HTML 1Page - Diodes Incorporated DDC143TH Datasheet HTML 2Page - Diodes Incorporated DDC143TH Datasheet HTML 3Page - Diodes Incorporated DDC143TH Datasheet HTML 4Page - Diodes Incorporated DDC143TH Datasheet HTML 5Page - Diodes Incorporated DDC143TH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DDC (XXXX) H
Document number: DS30421 Rev. 5 - 2
4 of 6
www.diodes.com
April 2015
© Diodes Incorporated
DDC (XXXX) H
Typical Curves
– DDC143EH
-50
0
50
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 2 V
vs. I
C
CE(SAT)
C
I /I = 10
CB
-25 C
°
75 C
°
25 C
°
10
1,000
100
1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3 DC Current Gain
C
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
5
10
5
15
25
f = 1MHz
0.01
0.1
1
10
100
0
1
2
3
4
8
9
10
V , INPUT VOLTAGE (V)
Fig. 5 Collector Current vs. Input Voltage
in
5
6
7
0.1
1
10
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 6 Input Voltage vs. Collector Current
C
V
= 0.2V
O
75 C
°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com