Electronic Components Datasheet Search
  English  ▼

X  

13292 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 13292
Description  Clamping module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

13292 Datasheet(HTML) 1 Page - Festo Corporation.

  13292 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clamping module
EV-20/120-5
Part number: 13292
Data sheet
Feature
Value
Stroke
5 mm
Clamping area
20x120
Mounting position
Any
Mode of operation
Single-acting
Symbol
00991208
Operating pressure
2 bar ... 6 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Suitability for the production of Li-ion batteries
Metals with more than 5% copper by mass are excluded from use.
Exception are printed circuit boards, cables, electrical connectors and
coils
Ambient temperature
-20 °C ... 40 °C
Product weight
190 g
Type of mounting
With through-hole
Pneumatic connection
M5
Housing material
Die-cast aluminum
Diaphragm material
TPE-U(PU)
12/7/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 13292

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1329272 PHOENIX-1329272 Datasheet
656Kb / 17P
M23-12S2N8A9002S - Coupler connector
1329274 PHOENIX-1329274 Datasheet
547Kb / 16P
M23-12S2N8A9003S - Coupler connector
1329276 PHOENIX-1329276 Datasheet
652Kb / 16P
M23-12S2N8A9004S - Coupler connector
1329278 PHOENIX-1329278 Datasheet
760Kb / 19P
M23-12S2N8AW500S - Device connector front mounting
1329279 PHOENIX-1329279 Datasheet
749Kb / 17P
M23-12S2N8AW600S - Device connector front mounting
More results

Similar Description - 13292

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
Clamping module
12/7/22
13290 FESTO-13290 Datasheet
93Kb / 1P
Clamping module
12/7/22
13291 FESTO-13291 Datasheet
92Kb / 1P
Clamping module
12/7/22
150681 FESTO-150681 Datasheet
92Kb / 1P
Clamping module
12/7/22
150683 FESTO-150683 Datasheet
92Kb / 1P
Clamping module
12/7/22
150684 FESTO-150684 Datasheet
92Kb / 1P
Clamping module
12/7/22
150685 FESTO-150685 Datasheet
92Kb / 1P
Clamping module
12/7/22
151993 FESTO-151993 Datasheet
92Kb / 1P
Clamping module
12/7/22
184857 FESTO-184857 Datasheet
93Kb / 1P
Clamping module
12/7/22
184858 FESTO-184858 Datasheet
93Kb / 1P
Clamping module
12/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com