Electronic Components Datasheet Search
  English  ▼

X  

170491 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 170491
Description  Mini slide
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

170491 Datasheet(HTML) 1 Page - Festo Corporation.

  170491 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mini slide
SLS-10-5-P-A
Part number: 170491
Data sheet
Feature
Value
Stroke
5 mm
Piston diameter
10 mm
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Ball bearing cage guide
Structural design
Yoke
Piston
Piston rod
Ball roller guide
Slide
Position sensing
For proximity sensor
Symbol
00991737
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Ambient temperature
-20 °C ... 60 °C
Impact energy in the end positions
0.05 J
Max. force Fy
220 N
Max. force Fz
220 N
Max. torque Mx
0.6 Nm
Max. torque My
0.6 Nm
Max. torque Mz
0.5 Nm
Theoretical force at 6 bar, retracting
39 N
Theoretical force at 6 bar, advancing
47 N
Moving mass
41 g
Product weight
130 g
Alternative connections
See product drawing
Type of mounting
With through-hole
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
HNBR
Housing material
Wrought aluminum alloy
Piston rod material
High-alloy stainless steel
12/7/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 170491

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170490 FESTO-170490 Datasheet
88Kb / 1P
Mini slide
12/7/22
logo
PHOENIX CONTACT
1704904 PHOENIX-1704904 Datasheet
440Kb / 11P
SPTA 1/13-3,5 - PCB terminal block
1704907 PHOENIX-1704907 Datasheet
385Kb / 12P
FRONT 2,5-V/SA10/ 9 - PCB terminal block
logo
Festo Corporation.
170492 FESTO-170492 Datasheet
89Kb / 1P
Mini slide
12/7/22
logo
PHOENIX CONTACT
1704925 PHOENIX-1704925 Datasheet
61Kb / 3P
Photovoltaic connector - PV-FT-C2M-HSG
More results

Similar Description - 170491

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-10-40-PA FESTO-DGST-10-40-PA Datasheet
92Kb / 2P
Mini slide
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-E1A FESTO-DGST-12-80-E1A Datasheet
89Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-50-PA FESTO-DGST-16-50-PA Datasheet
91Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com