Electronic Components Datasheet Search
  English  ▼

X  

XM1001 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XM1001
Description  12.0-40.0 GHz GaAs MMIC Image Reject Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1001 Datasheet(HTML) 1 Page - Mimix Broadband

  XM1001 Datasheet HTML 1Page - Mimix Broadband XM1001 Datasheet HTML 2Page - Mimix Broadband XM1001 Datasheet HTML 3Page - Mimix Broadband XM1001 Datasheet HTML 4Page - Mimix Broadband XM1001 Datasheet HTML 5Page - Mimix Broadband XM1001 Datasheet HTML 6Page - Mimix Broadband XM1001 Datasheet HTML 7Page - Mimix Broadband XM1001 Datasheet HTML 8Page - Mimix Broadband XM1001 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
November 2005 - Rev 21-Nov-05
General Description
Mimix Broadband
’s 12.0-40.0 GHz GaAs MMIC
fundamental image reject mixer can be used as an up- or
down-converter. The device has a conversion loss of 8.0
dB with a 20.0 dB image rejection across the band. I and
Q mixer outputs are provided and an external 90 degree
hybrid is required to select the desired sideband. This
MMIC uses Mimix Broadband
’s 0.15 µm GaAs PHEMT
device model technology, and is based upon electron
beam lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy or
eutectic solder die attach process. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
12.0-40.0 GHz GaAs MMIC
Image Reject Mixer
+0.3 VDC
+20.0 dBm
+20.0 dBm
-65 to +165 OC
-55 to +125 OC
Absolute Maximum Ratings
Fundamental Image Reject Mixer
8.0 dB Conversion Loss
20.0 dB Image Rejection
+25.0 dBm Input Third Order Intercept (IIP3)
100% On-Wafer RF Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Input Power (IF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Chip Device Layout
Page 1 of 9
Electrical Characteristics (AmbientTemperatureT = 25o C)
Units
GHz
GHz
GHz
GHz
dB
dB
dB
dB
dBm
dBc
dB
dB
dB
dBm
VDC
Min.
12.0
12.0
8.0
DC
-
-
-
-
-
-
-
-
-
-
-2.0
Typ.
-
-
-
-
10.0
TBD
TBD
8.0
+12.0
20.0
16.0
TBD
TBD
+25.0
-0.5
Max.
40.0
38.0
42.0
4.0
-
-
-
-
-
-
-
-
-
-
+0.1
Parameter
Frequency Range (RF) Upper Side Band
Frequency Range (RF) Lower Side Band
Frequency Range (LO)
Frequency Range (IF)
RF Return Loss (S11)
IF Return Loss (S22)
LO Return Loss (S33)
Conversion Loss (S21)
LO Input Drive (PLO)
Image Rejection
Isolation LO/RF
Isolation LO/IF
Isolation RF/IF
Input Third Order Intercept (IIP3)
Gate Bias Voltage (Vg1)
M1001


Similar Part No. - XM1001

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1001-BD MIMIX-XM1001-BD Datasheet
329Kb / 9P
12.0-40.0 GHz GaAs MMIC Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
Image Reject Mixer
logo
Mimix Broadband
XM1001-BD-000V MIMIX-XM1001-BD-000V Datasheet
329Kb / 9P
12.0-40.0 GHz GaAs MMIC Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD-000V MA-COM-XM1001-BD-000V Datasheet
1Mb / 11P
Fundamental Image Reject Mixer
logo
Mimix Broadband
XM1001-BD-EV1 MIMIX-XM1001-BD-EV1 Datasheet
329Kb / 9P
12.0-40.0 GHz GaAs MMIC Image Reject Mixer
More results

Similar Description - XM1001

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
18KWR0327 MIMIX-18KWR0327 Datasheet
130Kb / 6P
13.0-25.0 GHz GaAs MMIC Image Reject Mixer
XM1002 MIMIX-XM1002 Datasheet
320Kb / 8P
34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1003-BD MIMIX-XM1003-BD Datasheet
426Kb / 7P
32.0-42.0 GHz GaAs MMIC Image Reject Mixer
XM1005-BD MIMIX-XM1005-BD Datasheet
311Kb / 7P
37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer
XM1006-BD MIMIX-XM1006-BD Datasheet
315Kb / 6P
13.0-25.0 GHz GaAs MMIC Image Reject Mixer
XM1001-BD MIMIX-XM1001-BD Datasheet
329Kb / 9P
12.0-40.0 GHz GaAs MMIC Image Reject Mixer
XM1002-BD MIMIX-XM1002-BD Datasheet
324Kb / 8P
34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1003-BD MIMIX-XM1003-BD_08 Datasheet
397Kb / 7P
32.0-42.0 GHz GaAs MMIC Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
Image Reject Mixer
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6530 AVAGO-AMMC-6530 Datasheet
785Kb / 8P
5??0 GHz Image Reject Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com