Electronic Components Datasheet Search
  English  ▼

X  

8159472 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8159472
Description  Shock absorber
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8159472 Datasheet(HTML) 1 Page - Festo Corporation.

  8159472 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shock absorber
DYEF-G8-S-M6-Y1
Part number: 8159472
Data sheet
Feature
Value
Size
M6
Stroke
1.5 mm
Cushioning
Elastic cushioning rings/pads at both ends, without fixed metal stop
Mounting position
Any
Position sensing
None
Max. impact velocity
0.8 m/s
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
0 °C ... 60 °C
Cushioning length
1.5 mm
Max. tightening torque
1 Nm
Max. energy absorption per stroke
0.08 J
Product weight
6.9 g
Type of mounting
With threaded sleeve
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
High-alloy steel
12/6/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8159472

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8159470 FESTO-8159470 Datasheet
79Kb / 1P
Shock absorber
12/6/22
8159471 FESTO-8159471 Datasheet
82Kb / 1P
Shock absorber
12/6/22
8159473 FESTO-8159473 Datasheet
81Kb / 1P
Shock absorber
12/6/22
8159474 FESTO-8159474 Datasheet
84Kb / 1P
Shock absorber
12/6/22
8159476 FESTO-8159476 Datasheet
80Kb / 1P
Shock absorber
12/6/22
More results

Similar Description - 8159472

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8161525 FESTO-8161525 Datasheet
91Kb / 1P
Shock absorber
12/4/22
8161528 FESTO-8161528 Datasheet
93Kb / 1P
Shock absorber
12/4/22
8161529 FESTO-8161529 Datasheet
93Kb / 1P
Shock absorber
12/4/22
8161532 FESTO-8161532 Datasheet
93Kb / 1P
Shock absorber
12/4/22
8161534 FESTO-8161534 Datasheet
91Kb / 1P
Shock absorber
12/4/22
8131072 FESTO-8131072 Datasheet
72Kb / 1P
Shock absorber
12/6/22
8131073 FESTO-8131073 Datasheet
72Kb / 1P
Shock absorber
12/6/22
8159470 FESTO-8159470 Datasheet
79Kb / 1P
Shock absorber
12/6/22
8159471 FESTO-8159471 Datasheet
82Kb / 1P
Shock absorber
12/6/22
8159473 FESTO-8159473 Datasheet
81Kb / 1P
Shock absorber
12/6/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com