Electronic Components Datasheet Search
  English  ▼

X  

25539/15 Datasheet(PDF) 1 Page - Alpha Wire

Part # 25539/15
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25539/15 Datasheet(HTML) 1 Page - Alpha Wire

  25539/15 Datasheet HTML 1Page - Alpha Wire 25539/15 Datasheet HTML 2Page - Alpha Wire 25539/15 Datasheet HTML 3Page - Alpha Wire 25539/15 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 25539/15
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
15 X 1 COND
a) Conductor
16 (19/.0117) AWG Tinned Copper
0.059
b) Insulation
0.032" Wall, Nom. PVC
0.123
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
6
GREEN
11
WHITE/BLACK
2
BROWN
7
BLUE
12
WHITE/BROWN
3
RED
8
VIOLET
13
WHITE/RED
4
ORANGE
9
SLATE
14
WHITE/ORANGE
5
YELLOW
10
WHITE
15
WHITE/YELLOW
2) Cable Assembly
15 Components Cabled
a) Twists:
1.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield:
A/P/A Tape, 20% Overlap, Min.
a) Drain Wire
16 (19/.0117) AWG Tinned Copper
b) Braid
Tinned Copper,70% Coverage, Nom.
4) Jacket
0.083" Wall, Nom.,Polyurethane
(TPU)
0.772 (0.804 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25539/15
XTRAGUARD(R) 2 RU AWM 20952 VW-1 OR CRU
AWM I/II A/B 105C 600 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)


Similar Part No. - 25539/15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25539/12 ALPHAWIRE-25539/12 Datasheet
99Kb / 4P
Customer Specification
8/29/2022
25539/19 ALPHAWIRE-25539/19 Datasheet
98Kb / 4P
Customer Specification
12/8/2022
25539/19 ALPHAWIRE-25539/19 Datasheet
396Kb / 4P
16 (19/.0117) AWG Tinned Copper
More results

Similar Description - 25539/15

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com