Electronic Components Datasheet Search
  English  ▼

X  

6059/15C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6059/15C
Description  Customer Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6059/15C Datasheet(HTML) 1 Page - Alpha Wire

  6059/15C Datasheet HTML 1Page - Alpha Wire 6059/15C Datasheet HTML 2Page - Alpha Wire 6059/15C Datasheet HTML 3Page - Alpha Wire 6059/15C Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 6059/15C
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
15 X 1 PAIR
a) Conductor
22 (7/30) AWG Tinned Copper
0.030
b) Insulation
0.016" Wall, Nom. PVC
0.062
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
6
BLACK-YELLOW 11
RED-YELLOW
2
BLACK-WHITE
7
BLACK-
ORANGE
12
RED-BROWN
3
BLACK-GREEN
8
RED-GREEN
13
RED-ORANGE
4
BLACK-BLUE
9
RED-WHITE
14
GREEN-BLUE
5
BLACK-BROWN
10
RED-BLUE
15
GREEN-WHITE
c) Pair
2/Cond Cabled Together
(1) Twists:
6.9 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25%
Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG Tinned Copper
2) Cable Assembly
15 Components Cabled
a) Twists:
1.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.053" Wall, Nom.,PVC
0.644 (0.672 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6059/15C 15PR 22 AWG


Similar Part No. - 6059/15C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6059/11C ALPHAWIRE-6059/11C Datasheet
99Kb / 4P
Customer Specification
8/29/2022
6059/11C ALPHAWIRE-6059/11C Datasheet
98Kb / 4P
Customer Specification
12/1/2022
6059/19C ALPHAWIRE-6059/19C Datasheet
412Kb / 5P
22 (7/30) AWG Tinned Copper
More results

Similar Description - 6059/15C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com