Electronic Components Datasheet Search
  English  ▼

X  

357 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 357
Description  (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

357 Datasheet(HTML) 3 Page - Vishay Siliconix

  357 Datasheet HTML 1Page - Vishay Siliconix 357 Datasheet HTML 2Page - Vishay Siliconix 357 Datasheet HTML 3Page - Vishay Siliconix 357 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 357
www.vishay.com
Vishay Spectrol
Revision: 18-Oct-2021
3
Document Number: 57059
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g, 10 Hz to 2000 Hz
Shock
50 g
Load Life
1000 h
Storage temperature range
-55 °C to +125 °C
Life
5 000 000 shaft revolutions
Materials
Housing
Thermoplastic housing
Bushing
Brass, nickel plated
Rear lid
Alumina
Shaft
Stainless steel
Terminals
Turret type, solder plated
Bushing mount hardware
Lockwasher internal tooth
Steel, nickel plated
Panel nut
Brass nickel plated
MARKING
Unit
Identification
• Complete part number
Example: 357B0103MXB251S22
•Vishay logo
• Date code
• Terminal identification
RESISTANCE VALUE
Ohms
1K, 2K, 5K, 10K, 20K, 50K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com