Electronic Components Datasheet Search
  English  ▼

X  

502 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 502
Description  (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

502 Datasheet(HTML) 2 Page - Vishay Siliconix

  502 Datasheet HTML 1Page - Vishay Siliconix 502 Datasheet HTML 2Page - Vishay Siliconix 502 Datasheet HTML 3Page - Vishay Siliconix 502 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 502
www.vishay.com
Vishay Spectrol
Revision: 29-Nov-17
2
Document Number: 57064
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
3600° +10° -0°
Bearing type
SERVO
Ball bearing
BUSHING MOUNT
Sleeve bearing
Torque (maximums)
Servo section 1
Bushing section 1
Each additional section
STARTING
0.4 oz. - in (28.8 g - cm)
0.5 oz. - in (36.0 g - cm)
0.3 oz. - in (21.6 g - cm)
RUNNING
0.3 oz. - in (21.6 g - cm)
0.4 oz. - in (28.8 g - cm)
0.2 oz. - in (14.4 g - cm)
Mechanical runout (maximums):
Shaft runout (TIR)
Pilot dia. runout (TIR)
Lateral runout (TIR)
Shaft end play
Shaft radial play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Weight:
Single section
Each additional section
1.20 oz. (34.0 g)
0.80 oz. (22.7 g)
Stop strength
100 oz. - in, static (7.2 kg - cm)
Ganging
2 sections, terminal alignment, added sections, within ± 10° of section 1 terminals
Moment of inertia
0.45 g - cm2 per section maximum
0.687
(17.45)
± 0.031
0.312
(7.92)
± 0.015
Ø 0.1248 TYP.
(3.17)
+ 0.0000
- 0.0003
Ø 0.281
(7.14)
+ 0.000
- 0.001
1/
4 - 32 UNEF 2A
MTG. FACE
0.062
(1.57)
± 0.015
Ø 0.875
(22.22)
± 0.015
1.448
(36.78)
± 0.010
0.168 MIN.
(4.27)
45°
± 10°
0.172 TYP.
(4.37)
± 0.015
0.594 R
(15.09)
MAX.
1.536
(39.01)
± 0.010
0.375
(9.52)
± 0.031
0.057 MIN.
(1.45)
0.062
(1.57)
0.062
(1.57)
Ø 0.875
(22.22)
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
MTG. FACE
0.750 MAX.
(19.05)
1
ADD 1.282 ± 0.002 (32.56) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
SCHEMATIC
CW
2
3
1
1
2
3
0.257 MIN.
(6.53)
1
23
BUSHING MOUNT: 502B/502-1
SERVO MOUNT: 502S/502-2
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com