Electronic Components Datasheet Search
  English  ▼

X  

536 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 536
Description  (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

536 Datasheet(HTML) 2 Page - Vishay Siliconix

  536 Datasheet HTML 1Page - Vishay Siliconix 536 Datasheet HTML 2Page - Vishay Siliconix 536 Datasheet HTML 3Page - Vishay Siliconix 536 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 536
www.vishay.com
Vishay Spectrol
Revision: 30-Jun-15
2
Document Number: 57066
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
3600°
+10°
- 0°
Torque (maximums)
STARTING
0.5 oz. - in (36.00 g - cm)
RUNNING
0.4 oz. - in (28.80 g - cm)
Mechanical runouts
Shaft (TIR)
Pilot dia. (TIR)
Lateral runout (TIR)
Shaft end play
Shaft radial play
0.005" (0.13 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.010" (0.25 cm)
0.005" (0.13 cm)
Weight (maximum)
0.75 oz. (21.26 g)
Stop strength
75 oz. - in (static) (5.4 kg - cm)
0.200 MIN.
(5.08)
0.750
(19.05)
± 0.015
0.812
(20.62)
± 0.031
0.030 MAX. (0.76)
Ø 0.4062
(10.32)
+ 0.0000
- 0.0020
Ø 0.250 (6.35)
+ 0.000
- 0.002
Ø 0.875
(22.22)
± 0.015
0.312
(7.92)
± 0.015
0.062
(1.57)
30°
0.625 R
MAX.
(15.88)
SCREWDRIVER SLOT
0.032 WIDE x 0.032 ± 0.010
DEEP (0.81 x 0.81)
9 mm: 0.75 P
Ø 6.00
+ 0.00
- 0.05
BUSHING MOUNT: 536B/536-1
METRIC SHAFT/BUSHING THREAD
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
SCHEMATIC
CW
2
3
1
3/
8 - 32 UNEF - 2A
1
2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com