Electronic Components Datasheet Search
  English  ▼

X  

552 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 552
Description  (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

552 Datasheet(HTML) 1 Page - Vishay Siliconix

  552 Datasheet HTML 1Page - Vishay Siliconix 552 Datasheet HTML 2Page - Vishay Siliconix 552 Datasheet HTML 3Page - Vishay Siliconix 552 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 552
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
1
Document Number: 57067
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7/8" (22.2 mm) Three Turn Wirewound
Upper Grade Precision Potentiometer
FEATURES
• Large range of ohmic values: 5
 to 20 k
• Bushing mount or servo mount designs are available
• Gangable up to 3 sections
• Extra taps available upon request
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, multi turn wirewound
Output type
Output by turrets
Market appliance
Professional
Dimensions
7/8" (22.2 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Total resistance
Tolerance 50
 and above
Below 50
STANDARD RANGE
5
 to 20 k
± 3 %
± 5 %
SPECIAL
45 k
± 1 %
± 3 %
Linearity (independent)
Total resistance
5
 to 500 
500
 to 2 k
2 k
 and above
STANDARD
± 0.25 %
± 0.25 %
± 0.25 %
BEST PRACTICAL
± 0.25 %
± 0.20 %
± 0.125 %
Noise
100
 ENR
Electrical rotation
1080° +4° -0°
Power rating
Section 1
Additional section
1.0 W at 70 °C ambient to zero at 125 °C
75 % of the rating of section 1 (0.75 W at 70 °C)
Insulation resistance
1000 M
 minimum, 500 V
DC
Dielectric strength
1000 VRMS minimum, 60 Hz
Absolute minimum resistance
Linearity x total resistance or 0.5
, whichever is greater
End boltage
Linearity x total applied voltage for total resistance
above 20
, 2.0 % of total applied voltage for 20  and below
Phasing (CCW end points)
Additional sections phased to section 1 within ± 2°
Taps (extra)
16 available as special, standard tolerance ± 2°
ORDERING INFORMATION/DESCRIPTION
The model 552 can be ordered from this datasheet with a variety of alternate characteristics, as shown. For most rapid service on your order,
please state:
552
B
1
10K
BO1
MODEL
MOUNTING
NUMBER OF SECTIONS
OHMIC VALUE OF
SECTION No 1
PACKAGING
B: Bushing
S: Servo
From 1 up to 3
Box of 1 piece
Other characteristics will be standard as described on this datasheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead time
for delivery.
SAP PART NUMBERING GUIDELINES
552
B
1
103
B01
MODEL
STYLE
NUMBER OF SECTIONS
OHMIC VALUE OF
SECTION No 1
PACKAGING


Similar Part No. - 552

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
552 OSCILENT-552 Datasheet
133Kb / 2P
PECL Output
logo
Dialight Corporation
552-0211 DIALIGHT-552-0211 Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
552-0222 DIALIGHT-552-0222 Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
552-0233 DIALIGHT-552-0233 Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
552-0277 DIALIGHT-552-0277 Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 552

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
22-Mar-07
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
802 VISHAY-802 Datasheet
321Kb / 4P
(46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com