Electronic Components Datasheet Search
  English  ▼

X  

802 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 802
Description  (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

802 Datasheet(HTML) 1 Page - Vishay Siliconix

  802 Datasheet HTML 1Page - Vishay Siliconix 802 Datasheet HTML 2Page - Vishay Siliconix 802 Datasheet HTML 3Page - Vishay Siliconix 802 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 802
www.vishay.com
Vishay Spectrol
Revision: 27-Mar-15
1
Document Number: 57072
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1 13/16" (46 mm) Ten Turn Wirewound
Upper Grade Precision Potentiometer
FEATURES
• Large range of ohmic values: 20
 to 200 k
• Bushing mount, servo mount and screw mount versions
• Gangable up to 3 sections
• Extra taps available upon request
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, multi turn wirewound
Output type
Output by turrets
Market appliance
Professional
Dimensions
1 13/16" (46 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Total resistance
Tolerance: 200
 and above
Below 200
STANDARD
20
 to 200 k
± 3 %
± 5 %
SPECIAL
500 k
± 1 %
± 3 %
Linearity (independent)
20
 to 50 
50
 to 200 
200
 and above
STANDARD
± 0.25 %
± 0.25 %
± 0.25 %
SPECIAL
± 0.15 %
± 0.10 %
± 0.05 %
Noise
100
 ENR
Electrical rotation
3600° +4° -0°
Power rating
Section 1
Each additional sections:
5.00
 70 °C ambient, derated to zero at 125 °C
75 % of the rating of section 1 (3.8 W at 70 °C)
Insulation resistance
1000 M
 minimum, 500 V
DC
Dielectric strength
1000 VRMS, 60 Hz
Absolute minimum resistance
Linearity x total resistance or 0.5
, whichever is greater
End voltage
Linearity x total applied voltage for total resistance above 20
, 2.0 % of total applied voltage
for 20 and below
Phasing (CCW end points)
Additional sections phased to section 1 within ± 1°
Taps (extra)
Available as special, standard tolerance ± 1°
ORDERING INFORMATION
80
2
B
21
032
03
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL REQUEST
802
B: bushing
S: servo
C: screw
1
2
3
4
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
470 = 47
222 = 2.200
103 = 10 k
For ohmic value
range see electrical
specification
xxxx
PART NUMBER DESCRIPTION (for information only)
802-
1
1
103
203
xxxx
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL
B: 1
S: 2
C: 3


Similar Part No. - 802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
802 MICROSEMI-802 Datasheet
121Kb / 3P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
logo
Littelfuse
802 LITTELFUSE-802 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
802 UTC-802 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
18-Jun-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL802 VISHAY-MODEL802 Datasheet
228Kb / 4P
1 13/16inch (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
23-Mar-07
MODEL852 VISHAY-MODEL852 Datasheet
397Kb / 4P
1 13/16inch (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
22-Mar-07
164 VISHAY-164 Datasheet
261Kb / 3P
1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
27-Mar-15
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
852 VISHAY-852 Datasheet
102Kb / 4P
(46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
14-Oct-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com