Electronic Components Datasheet Search
  English  ▼

X  

852 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 852
Description  (46 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

852 Datasheet(HTML) 2 Page - Vishay Siliconix

  852 Datasheet HTML 1Page - Vishay Siliconix 852 Datasheet HTML 2Page - Vishay Siliconix 852 Datasheet HTML 3Page - Vishay Siliconix 852 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 852
www.vishay.com
Vishay Spectrol
Revision: 14-Oct-2022
2
Document Number: 57074
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
1080° +10° -0°
Bearing type
SERVO
Ball bearing
SCREW
Ball bearing
BUSHING
Sleeve bearing
Torque (maximums)
Servo or screw section 1
Bushing section 1
Each additional section
STARTING
1.20 oz. - in (86.4 g - cm)
1.75 oz. - in (126.0 g - cm)
0.80 oz. - in (57.6 g - cm)
RUNNING
0.80 oz. - in (57.6 g - cm)
1.25 oz. - in (90.0 g - cm)
0.60 oz. - cm (43.2 g - cm)
Mechanical runouts (maximums):
Shaft runout (TIR/in)
Pilot dia. runout (TIR)
Lateral runout (TIR)
Shaft end play
Shaft radial play
SERVO/SCREW
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.003" (0.08 cm)
Weight (maximums)
Single section
Each additional section
Stop strength
3.5 oz. (99.2 g)
2.7 oz. (76.5 g)
1000 oz. - in, static (72 kg - cm)
Ganging
3 sections maximum, terminal alignment, added sections
within ± 10° of section 1 terminals
Moment of inertia
5.5 g - cm2 per section maximum
1.284
(32.61)
± 0.010
0.625
(15.88)
± 0.031
Ø 0.2497 TYP.
(6.34)
+ 0.0000
- 0.0003
Ø 2.000
(50.80)
Ø 1.875
(47.62)
+ 0.000
- 0.001
0.062
(1.57)
0.073 MIN.
(1.85)
0.093
(2.36)
MTG. FACE
0.062
(1.57)
Ø 1.812
(46.02)
± 0.015
MTG. FACE
± 0.015
0.219 TYP.
(5.56)
± 0.015
0.812
(20.62)
± 0.031
0.312
(7.92)
0.062
(1.57)
± 0.015
Ø 0.4062
(10.32)
+ 0.0000
- 0.0010
0.562
(14.27)
3/
8 - 32 UNEF - 2A
Ø 0.125
(3.18)
45°
± 10°
8 - 32 UNC - 2B 0.156
DEEP (3.96) 3
HOLES EQUALLY
SPACED ON A 1.250
Ø (31.75) B.C.
± 0.015
0.062
(1.57)
MTG. FACE
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
BUSHING MOUNT: 852B/852-1
SERVO MOUNT: 852S/852-2
SCREW MOUNT: 852C/852-3
0.301 MIN.
(7.64)
1
23
1.062 R MAX.
(26.97)
1
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
ADD 0.992 ± 0.010 (25.20) FOR EACH
ADDITIONAL SECTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com