Electronic Components Datasheet Search
  English  ▼

X  

KITPR Datasheet(PDF) 11 Page - Vishay Siliconix

Part # KITPR
Description  Kit Potentiometer Rotational Analog Displacement Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KITPR Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button KITPR Datasheet HTML 4Page - Vishay Siliconix KITPR Datasheet HTML 5Page - Vishay Siliconix KITPR Datasheet HTML 6Page - Vishay Siliconix KITPR Datasheet HTML 7Page - Vishay Siliconix KITPR Datasheet HTML 8Page - Vishay Siliconix KITPR Datasheet HTML 9Page - Vishay Siliconix KITPR Datasheet HTML 10Page - Vishay Siliconix KITPR Datasheet HTML 11Page - Vishay Siliconix KITPR Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
KITPR
www.vishay.com
Vishay MCB
Revision: 21-Nov-2019
11
Document Number: 32545
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
• SDPOR0057: redundant functions
- Functions quantity: 3
- Theoretical electrical travel (TET): 300°
- Useful electrical travel (UET): ± 145°
- Ohmic value 5 k
 ± 20 %
- Independent linearity: ± 0.25 %
- Mechanical travel: 300°
DIMENSIONS in millimeters
SDPOR0057 (Redundant Functions)
WIRE IDENTIFICATION
COLOR
FUNCTION
Yellow
0 V
Red
Wiper
Green
10 V
A
A
A-A
24.8
+0.15
-0.09
A
5.8
B
20 max.
18 max.
Ø 6
2
B
Detail B
2.5:1
0.2 CZ
A
B
4 x
C
3 wires, 24 AWG
+ heat shrinkable sleeve (x 3)
24.85
Track 1
Track 2
Track 3
View A
Clockwise
A
2 x
R
1.7
45°
± 1°
3°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com